Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817W-40 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC817W-40
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC817W-40 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BC817W-40 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC817W-40 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
BC817W (KC817W)
Features
For General AF Applications
High Collector Current
High Current Gain
Low Collector-Emitter Saturation Voltage
Complementary to BC807W
1.Base
2.Emitter
3.collector
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
50
Collector - Emitter Voltage
VCEO
45
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
0.5
A
Collector Power Dissipation
PC
0.2
W
Thermal Resistance from Junction to Ambient
RθJA
625
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE=0
50
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB=0
45
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC=0
5
Collector-base cut-off current
ICBO
VCB= 50 V , IE=0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=500 mA, IB=50mA
0.7
Base - emitter saturation voltage
VBE(sat) IC=500 mA, IB=50mA
1.2
Base-emitter voltage
VBE(on) VCE= 1V, IC= 500mA
1.2
hFE(1)
VCE= 1V, IC= 100mA
100
600
hFE(2)
VCE= 1V, IC= 500mA
40
Collector output capacitance
Cob
VCB= 10V,f=1MHz
5
pF
Transition frequency
fT
VCE= 5V, IC= 10mA,f=100MHz
100
MHz
DC current gain
V
uA
V
Classification of hfe(1)
Type
BC817W-16
BC817W-25
BC817W-40
Range
100-250
160-400
250-600
Marking
6A
6B
6C


Similar Part No. - BC817W-40

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC817W-Q NEXPERIA-BC817W-Q Datasheet
308Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 8 June 2021
BC817W-Q NEXPERIA-BC817W-Q Datasheet
310Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
BC817W-Q_SER NEXPERIA-BC817W-Q_SER Datasheet
310Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
More results

Similar Description - BC817W-40

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com