Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA5160M96 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA5160M96
Description  4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5160M96 Datasheet(HTML) 4 Page - Intersil Corporation

  CA5160M96 Datasheet HTML 1Page - Intersil Corporation CA5160M96 Datasheet HTML 2Page - Intersil Corporation CA5160M96 Datasheet HTML 3Page - Intersil Corporation CA5160M96 Datasheet HTML 4Page - Intersil Corporation CA5160M96 Datasheet HTML 5Page - Intersil Corporation CA5160M96 Datasheet HTML 6Page - Intersil Corporation CA5160M96 Datasheet HTML 7Page - Intersil Corporation CA5160M96 Datasheet HTML 8Page - Intersil Corporation CA5160M96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3-4
Block Diagram
Maximum Output
Current
IOM+ (Source)
IO
VO = 0V
12
22
45
mA
IOM- (Sink)
VO = 15V
12
20
45
mA
Supply Current
I+
RL = , VO = 7.5V
-
10
15
mA
RL = , VO = 0V
-
2
3
mA
Input Offset Voltage Temperature Drift
∆VIO/∆T-
8
-
µV/oC
Electrical Specifications
TA = 25
oC, V+ = 15V, V- = 0V, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
CA5160
UNITS
MIN
TYP
MAX
Electrical Specifications
For Design Guidance, At TA = 25
oC, V
SUPPLY = ±7.5V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
VALUES
UNITS
CA5160
Input Offset Voltage Adjustment Range
10k
Ω Across Terminals 4 and 5 or 4 and 1
±22
mV
Input Resistance
RI
1.5
T
Input Capacitance
CI
f = 1MHz
4.3
pF
Equivalent Input Noise Voltage
eN
BW = 0.2MHz, RS = 1MΩ
40
µV
BW = 0.2MHz, RS = 10MΩ
50
µV
Equivalent Input Noise Voltage
eN
RS = 100Ω, 1kHz
72
nV/
√Hz
RS = 100Ω, 10kHz
30
nV/
√Hz
Unity Gain Crossover Frequency
fT
4
MHz
Slew Rate
SR
10
V/
µs
Transient Response
Rise Time
tR
CC = 25pF, RL = 2kΩ (Voltage Follower)
0.09
µs
Overshoot
OS
10
%
Settling Time (To <0.1%, VIN = 4VP-P)tS
CC = 25pF, RL = 2kΩ, (Voltage Follower)
1.8
µs
BIAS CKT.
200
µA
1.35mA
200
µA
3
2
8
4
6
8mA
(NOTE 5)
OUTPUT
AV 30X
AV
6000X
STROBE
V-
V+
OFFSET
NULL
COMPENSATION
(WHEN DESIRED)
+
-
INPUT
AV 5X
CC
NOTE:
5. Total supply voltage (for indicated voltage
gains) = 15V with input terminals biased so
that Terminal 6 potential is +7.5V above
Terminal 4.
6. Total supply voltage (for indicated voltage
gains) = 15V with output terminal driven to
either supply rail.
5
1
0mA
(NOTE 6)
7
CA5160


Similar Part No. - CA5160M96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5160M96 INTERSIL-CA5160M96 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results

Similar Description - CA5160M96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com