Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD22100 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD22100
Description  CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22100 Datasheet(HTML) 3 Page - Intersil Corporation

  CD22100 Datasheet HTML 1Page - Intersil Corporation CD22100 Datasheet HTML 2Page - Intersil Corporation CD22100 Datasheet HTML 3Page - Intersil Corporation CD22100 Datasheet HTML 4Page - Intersil Corporation CD22100 Datasheet HTML 5Page - Intersil Corporation CD22100 Datasheet HTML 6Page - Intersil Corporation CD22100 Datasheet HTML 7Page - Intersil Corporation CD22100 Datasheet HTML 8Page - Intersil Corporation CD22100 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-186
CD22100
Electrical Specifications
TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE
fIS
(kHz)
RL
(k
Ω)
VIS (V)
(Note 3)
VDD
(V)
DYNAMIC CROSSPOINTS
Propagation Delay Time,
(Switch ON) Signal Input to
Output
tPHL, tPLH
5
-
10
5
5
-
30
60
ns
10
10
-
15
30
ns
15
15
-
10
20
ns
CL = 50pF; tR , tF = 20ns
Frequency Response (Any
Switch ON)
f3dB
16
1
1
5
10
-
40
-
MHz
Sine Wave Input,
Sine Wave Response
(Distortion)
THD
1
1
5
10
-
0.5
-
%
Feedthrough (All switches OFF)
FDT
1.6
1
5
10
-
-80
-
dB
Sine Wave Input
Frequency for Signal Crosstalk
FCT
7-1
10
10
Attenuation of 40dB
Sine Wave Input
-
1.5
-
MHz
Attenuation of 110dB
-
-
-
-
-
0.1
-
kHz
Capacitance:
CIS
Xn to Ground
-
-
-
5 - 15
-
18
-
pF
Yn to Ground
-
-
-
5 - 15
-
30
-
pF
Feedthrough
CIOS
-
-
-
-
-
0.4
-
pF
DYNAMIC CONTROLS
Propagation Delay Time:
tPZH
8RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
300
600
ns
Strobe to Output
(Switch Turn-ON to High
Level)
10
-
125
250
ns
15
-
80
160
ns
Propagation Delay Time:
tPZH
9RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
110
220
ns
Data-In to Output
(Turn-ON to High Level)
10
-
40
80
ns
15
-
25
50
ns
Propagation Delay Time:
tPZH
10
RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
350
700
ns
Address to Output
(Turn-ON to High Level)
10
-
135
270
ns
15
-
90
180
ns
Propagation Delay Time:
tPHZ
8RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
165
330
ns
Strobe to Output
(Switch Turn-OFF)
10
-
85
170
ns
15
-
70
140
ns
Propagation Delay Time:
tPZL
9RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
210
420
ns
Data-In to Output
(Turn-ON to Low Level)
10
-
110
220
ns
15
-
100
200
ns
Propagation Delay Time:
tPHZ
10
RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
435
870
ns
Address to Output
(Turn-OFF)
10
-
210
420
ns
15
-
160
320
ns
20 log
V
OS
V
IS
------------
-3dB
=


Similar Part No. - CD22100

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
CD22100E HARRIS-CD22100E Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
CD22100F HARRIS-CD22100F Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
More results

Similar Description - CD22100

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
   CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
   4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
   8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com