Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD22859 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD22859
Description  Monolithic Silicon COS/MOS Dual-Tone Multifrequency Tone Generator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22859 Datasheet(HTML) 3 Page - Intersil Corporation

  CD22859 Datasheet HTML 1Page - Intersil Corporation CD22859 Datasheet HTML 2Page - Intersil Corporation CD22859 Datasheet HTML 3Page - Intersil Corporation CD22859 Datasheet HTML 4Page - Intersil Corporation CD22859 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4-128
STATIC MUTE OUTPUT CURRENT
Transmitter
1.7
1.2
-0.5
-
mA
IOH (Source)
10
9.5
-3.4
-
mA
IOL (Sink)
10
2.5
-
10
µA
Receiver
1.7
1.2
-0.5
-
mA
IOH (Source)
10
9.5
-3.4
-
mA
IOL (Sink)
10
2.5
-
10
µA
NOTES:
1. All logic and counters functional.
2. Mute switches remain open.
3. Two or more row inputs low and one column input low.
4. Two or more column inputs low and one row input low.
5. Distortion is defined as: The ratio of all extraneous frequency components generated in the voiceband 0.5kHz to 3kHz, to the power of the dual-
tone signal, measure across RL.
where V1,V2 ....Vn are extraneous frequency components in the voiceband 0.5kHz to 3kHz, VL is the low-band frequency tone, and VH is
the high-band frequency tone.
6. Tone rise time is defined as the time for each of the 2 DTMF frequencies to attain 90% of full amplitude, measured from the time when a row
and column signal are driven low.
7. Pre-emphasis is the ratio of the high-group level to the low-group level.
8. Refer to Figure 1 for standard DTMF frequencies.
9. Corresponds to normal dual-tone operation.
10. Corresponds to single-tone generation mode.
Electrical Specifications
TA = -25
oC to 60oC (Continued)
PARAMETER
VDD (V)
VO (V)
MIN
MAX
UNITS
Distortion=
V
12V22
...
V
n2
++
+
()
V
L2VH2
+
------------------------------------------------------------------- ,
CD22859


Similar Part No. - CD22859

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100E INTERSIL-CD22100E Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100E HARRIS-CD22100E Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100F INTERSIL-CD22100F Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
More results

Similar Description - CD22859

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M761E STMICROELECTRONICS-M761E Datasheet
373Kb / 9P
   DUAL TONE MULTIFREQUENCY GENERATOR
LS656 STMICROELECTRONICS-LS656 Datasheet
824Kb / 13P
   TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
LS256 STMICROELECTRONICS-LS256 Datasheet
84Kb / 8P
   TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
LS656AD1 STMICROELECTRONICS-LS656AD1 Datasheet
569Kb / 12P
   TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
logo
List of Unclassifed Man...
LS356 ETC1-LS356 Datasheet
542Kb / 13P
   TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
   DUAL-TONE MELODY GENERATOR
SD995 ETC1-SD995 Datasheet
1Mb / 5P
   DUAL TONE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM88T-19L BOWIN-UM88T-19L Datasheet
26Kb / 2P
   Dual-tone Melody Generator
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
   Triple Tone Generator
logo
List of Unclassifed Man...
S2559F ETC1-S2559F Datasheet
394Kb / 9P
   DTMF Tone Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com