Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7746 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7746
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7746 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7746_15 Datasheet HTML 4Page - Analog Devices AD7746_15 Datasheet HTML 5Page - Analog Devices AD7746_15 Datasheet HTML 6Page - Analog Devices AD7746_15 Datasheet HTML 7Page - Analog Devices AD7746_15 Datasheet HTML 8Page - Analog Devices AD7746_15 Datasheet HTML 9Page - Analog Devices AD7746_15 Datasheet HTML 10Page - Analog Devices AD7746_15 Datasheet HTML 11Page - Analog Devices AD7746_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
100
0
–5
5
INPUT CAPACITANCE (pF)
80
60
40
20
–4
–3
–2
–1
0
1
2
3
4
Figure 6. Capacitance Input Integral Nonlinearity,
VDD = 5 V, the Same Configuration as in Figure 31
2000
–3000
–50
150
TEMPERATURE (°C)
1000
0
–1000
–2000
–25
0
25
50
75
100
125
GAIN TC
≈ –26ppm/°C
Figure 7. Capacitance Input Offset Drift vs. Temperature,
VDD = 5 V, CIN and EXC Pins Open Circuit
100
–100
–50
150
TEMPERATURE (°C)
75
50
25
0
–25
–50
–75
–25
0
25
50
75
100
125
Figure 8. Capacitance Input Gain Drift vs. Temperature,
VDD = 5 V, CIN(+) to EXC = 4 pF, the Same Configuration as in Figure 30
18
–2
0
500
CAPACITANCE CIN PIN TO GND (pF)
16
14
12
10
8
6
4
2
0
50
100
150
200
250
300
350
400
450
2.7V
3V
5V
3.3V
Figure 9. Capacitance Input Error vs. Capacitance between CIN and GND.
CIN(+) to EXC = 4 pF, CIN(−) to EXC = 0 pF, VDD = 2.7 V, 3 V, 3.3 V, and 5 V,
the Same Configuration as in Figure 33
18
–2
0
500
CAPACITANCE CIN PIN TO GND (pF)
16
14
12
10
8
6
4
2
0
50
100
150
200
250
300
350
400
450
2.7V
3V
3.3V
5V
Figure 10. Capacitance Input Error vs. Capacitance between CIN and GND,
CIN(+) to EXC = 21 pF, CIN(−) to EXC = 23 pF, VDD = 2.7 V, 3 V, 3.3 V, and 5 V,
the Same Configuration as in Figure 34
5
–1
0
500
CAPACITANCE EXC PIN TO GND (pF)
4
3
2
1
0
50
100
150
200
250
300
350
400
450
2.7V
3V
5V
3.3V
Figure 11. Capacitance Input Error vs. Capacitance between EXC and GND,
CIN(+) to EXC = 21 pF, CIN(−) to EXC = 23 pF, VDD = 2.7 V, 3 V, 3.3 V, and 5 V,
the Same Configuration as in Figure 34


Similar Part No. - AD7746_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7746ARUZ AD-AD7746ARUZ Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746ARUZ AD-AD7746ARUZ Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746ARUZ-REEL AD-AD7746ARUZ-REEL Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746ARUZ-REEL AD-AD7746ARUZ-REEL Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746ARUZ-REEL7 AD-AD7746ARUZ-REEL7 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Similar Description - AD7746_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com