Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7764 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7764
Description  24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7764_15 Datasheet HTML 7Page - Analog Devices AD7764_15 Datasheet HTML 8Page - Analog Devices AD7764_15 Datasheet HTML 9Page - Analog Devices AD7764_15 Datasheet HTML 10Page - Analog Devices AD7764_15 Datasheet HTML 11Page - Analog Devices AD7764_15 Datasheet HTML 12Page - Analog Devices AD7764_15 Datasheet HTML 13Page - Analog Devices AD7764_15 Datasheet HTML 14Page - Analog Devices AD7764_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD7764
Rev. A | Page 10 of 32
Pin No.
Mnemonic
Description
14
FSI
Frame Sync Input. The status of this pin is checked on the falling edge of SCO. If this pin is low, then the first
data bit is latched in on the next SCO falling edge. See the AD7764 Interface section for further details.
15
SYNC
Synchronization Input. A falling edge on this pin resets the internal filter. This can be used to synchronize
multiple devices in a system. See the Synchronization section for further details.
16
RESET/
Reset/Power-Down Pin. When a logic low is sensed on this pin, the part is powered down and all internal
circuitry is reset.
PWRDWN
19
MCLK
Master Clock Input. A low jitter digital clock must be applied to this pin. The output data rate depends on the
frequency of this clock. See the Clocking the AD7764 section for more details.
18
DEC_RATE
Decimation Rate. This pin selects one of the three decimation rate modes. When 2.5 V is applied to this pin,
a decimation rate of 64× is selected. A decimation rate of 128× is selected by leaving the pin floating. A
decimation rate of 256× is selected by setting the pin to ground.


Similar Part No. - AD7764_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
More results

Similar Description - AD7764_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com