Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4006BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4006BMS
Description  CMOS 18-Stage Static Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4006BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4006BMS Datasheet HTML 1Page - Intersil Corporation CD4006BMS Datasheet HTML 2Page - Intersil Corporation CD4006BMS Datasheet HTML 3Page - Intersil Corporation CD4006BMS Datasheet HTML 4Page - Intersil Corporation CD4006BMS Datasheet HTML 5Page - Intersil Corporation CD4006BMS Datasheet HTML 6Page - Intersil Corporation CD4006BMS Datasheet HTML 7Page - Intersil Corporation CD4006BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-658
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4006BMS
CMOS 18-Stage Static Register
Pinout
CD4006BM
TOP VIEW
Functional Diagram
D1
D1 + 4’
CLOCK
D2
D3
D4
VSS
VDD
D1 + 4
D2 + 5
D2 + 4
D3 + 4
D4 + 5
D4 + 4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LATCH
4
STAGE
4
STAGE
4
STAGE
1
STAGE
1
STAGE
4
STAGE
VSS
7
8
9
10
11
12
2
13
1
4
3
5
6
14
VDD
D1 + 4
D1 + 4’
D2 + 5
D2 + 4
D3 + 4
D4 + 5
D4 + 4
D4
D3
CLOCK
D2
D1
Features
• High-Voltage Type (20V Rating)
• Fully Static Operation
• Shifting Rates Up to 12MHz at 10V (typ)
• Permanent Register Storage with Clock Line High or
Low - No Information Recirculation Required
• 100% Tested for Quiescent Current at 20V
• Standardized, Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age-Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Full Package-Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Stan-
dards No. 13B, “Standard Specifications for Descrip-
tion of “B” Series CMOS Devices”
Applications
• Serial Shift Registers
• Frequency Division
• Time Delay Circuits
Description
CD4006BMS types are composed of 4 separate shift register
sections: two sections of four stages and two sections of five
stages with an output tap at the fourth stage. Each section has
an independent single-rail data path.
A common clock signal is used for all stages. Data are shifted
to the next stages on negative-going transitions of the clock.
Through appropriate connections of inputs and outputs, multi-
ple register sections of 4, 5, 8, and 9 stages or single register
sections of 10, 12, 13, 14, 16, 17 and 18 stages can be imple-
mented using one CD4006BMS package. Longer shift register
sections can be assembled by using more than one
CD4006BMS.
To facilitate cascading stages when clock rise and fall times are
slow, an optional output (D1 + 4’) that is delayed one-half clock-
cycle, is provided (see Truth Table for Output from Term. 2).
The CD4006BMS is supplied in these 14 lead outline pack-
ages:
Braze Seal DIP
H4Q
Frit Seal DIP
H6D
Ceramic Flatpack H4F
December 1992
File Number
3290


Similar Part No. - CD4006BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4006BM NSC-CD4006BM Datasheet
112Kb / 6P
   18-Stage Static Shift Register
More results

Similar Description - CD4006BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
[Old version datasheet]   CMOS 18-STAGE STATIC SHIFT REGISTER
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
[Old version datasheet]   CMOS 18-Stage Static Shift Register
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
   18-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
   18-Stage Static Shift Register
logo
STMicroelectronics
HCF4006B STMICROELECTRONICS-HCF4006B Datasheet
179Kb / 8P
   18-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
   18-stage static shift register
January 1995
logo
Texas Instruments
CD4031B TI1-CD4031B_15 Datasheet
823Kb / 14P
[Old version datasheet]   CMOS 64-STAGE Static shfit register
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
   CMOS 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS 64-STAGE STATIC SHIFT REGISTER
CD4021B-Q1 TI1-CD4021B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS 8-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com