Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4007UBMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4007UBMS
Description  CMOS Dual Complementary Pair Plus Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4007UBMS Datasheet(HTML) 9 Page - Intersil Corporation

  CD4007UBMS Datasheet HTML 1Page - Intersil Corporation CD4007UBMS Datasheet HTML 2Page - Intersil Corporation CD4007UBMS Datasheet HTML 3Page - Intersil Corporation CD4007UBMS Datasheet HTML 4Page - Intersil Corporation CD4007UBMS Datasheet HTML 5Page - Intersil Corporation CD4007UBMS Datasheet HTML 6Page - Intersil Corporation CD4007UBMS Datasheet HTML 7Page - Intersil Corporation CD4007UBMS Datasheet HTML 8Page - Intersil Corporation CD4007UBMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
674
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
CD4007UBMS
Chip Dimension and Pad Layout
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches


Similar Part No. - CD4007UBMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4007UBM TI-CD4007UBM Datasheet
238Kb / 11P
[Old version datasheet]   CMOS DUAL COMPLEMENTARY PAIR PLUS INVERTER
CD4007UBM TI1-CD4007UBM Datasheet
971Kb / 16P
[Old version datasheet]   CMOS Dual Complementaty Pair Plus Inverter
CD4007UBM96 TI-CD4007UBM96 Datasheet
238Kb / 11P
[Old version datasheet]   CMOS DUAL COMPLEMENTARY PAIR PLUS INVERTER
CD4007UBM96 TI1-CD4007UBM96 Datasheet
971Kb / 16P
[Old version datasheet]   CMOS Dual Complementaty Pair Plus Inverter
CD4007UBMT TI-CD4007UBMT Datasheet
238Kb / 11P
[Old version datasheet]   CMOS DUAL COMPLEMENTARY PAIR PLUS INVERTER
More results

Similar Description - CD4007UBMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4007UB TI-CD4007UB Datasheet
238Kb / 11P
[Old version datasheet]   CMOS DUAL COMPLEMENTARY PAIR PLUS INVERTER
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
[Old version datasheet]   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
   Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
   Dual Complementary Pair plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com