Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7788 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7788
Description  Low Power, 16-/24-Bit, Sigma-Delta ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7788 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7788_15 Datasheet HTML 7Page - Analog Devices AD7788_15 Datasheet HTML 8Page - Analog Devices AD7788_15 Datasheet HTML 9Page - Analog Devices AD7788_15 Datasheet HTML 10Page - Analog Devices AD7788_15 Datasheet HTML 11Page - Analog Devices AD7788_15 Datasheet HTML 12Page - Analog Devices AD7788_15 Datasheet HTML 13Page - Analog Devices AD7788_15 Datasheet HTML 14Page - Analog Devices AD7788_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7788/AD7789
Rev. B | Page 11 of 20
ON-CHIP REGISTERS
The ADC is controlled and configured via a number of on-chip
registers, which are described on the following pages. In the
following descriptions, set implies a Logic 1 state and cleared
implies a Logic 0 state, unless otherwise stated.
COMMUNICATIONS REGISTER
(RS1, RS0 = 0, 0)
The communications register is an 8-bit, write only register. All
communications to the part must start with a write operation to
the communications register. The data written to the commun-
ications register determines whether the next operation is a read
or write operation, and to which register this operation takes
place.
For read or write operations, once the subsequent read or write
operation to the selected register is complete, the interface returns
to where it expects a write operation to the communications
register. This is the default state of the interface and, on power-up
or after a reset, the ADC is in this default state waiting for a write
operation to the communications register. In situations where the
interface sequence is lost, a write operation of at least 32 serial
clock cycles with DIN high returns the ADC to this default state
by resetting the entire part. Table 7 outlines the bit designations
for the communications register. CR0 through CR7 indicate the
bit location, CR denoting the bits are in the communications
register. CR7 denotes the first bit of the data stream. The number
in brackets indicates the power-on/reset default status of that bit.
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
WEN[0]
0[0]
RS1[0]
RS0[0]
R/W[0]
CREAD[0]
CH1[0]
CH0[0]
Table 7. Communications Register Bit Designations
Bit Location
Bit Name
Description
CR7
WEN
Write Enable Bit. A 0 must be written to this bit so that the write to the communications register actually
occurs. If a 1 is the first bit written, the part does not clock on to subsequent bits in the register. It stays at
this bit location until a 0 is written to this bit. Once a 0 is written to the WEN bit, the next seven bits are
loaded to the communications register.
CR6
0
This bit must be programmed with a Logic 0 for correct operation.
CR5 to CR4
RS1 to RS0
Register Address Bits. These address bits are used to select which of the ADC registers are being selected
during this serial interface communication (see Table 8).
CR3
R/W
A 0 in this bit location indicates that the next operation is a write to a specified register. A 1 in this position
indicates that the next operation is a read from the designated register.
CR2
CREAD
Continuous Read of the Data Register. When this bit is set to 1 (and the data register is selected), the serial
interface is configured so that the data register can be continuously read, that is, the contents of the data
register are placed on the DOUT/RDY pin automatically when the SCLK pulses are applied. The
communications register does not have to be written to for data reads. To enable continuous read mode,
the instruction 001111XX must be written to the communications register. To exit the continuous read
mode, the instruction 001110XX must be written to the communications register while the DOUT/RDY pin
is low. While in continuous read mode, the ADC monitors activity on the DIN line so that it can receive the
instruction to exit continuous read mode. Additionally, a reset occurs if 32 consecutive 1s are seen on DIN.
Therefore, DIN should be held low in continuous read mode until an instruction is to be written to the
device.
CR1 to CR0
CH1 to CH0
These bits are used to select the analog input channel. The differential channel can be selected
AIN(+)/AIN(−
) or an internal short AIN(−)/AIN(−) can be selected. Alternatively, the power supply can be
selected, that is, the ADC can measure the voltage on the power supply, which is useful for monitoring
power supply variation. The power supply voltage is divided by 5 and then applied to the modulator for
conversion. The ADC uses a 1.17 V ± 5% on-chip reference as the reference source for the analog-to-digital
conversion. Any change in channel resets the filter and a new conversion is started.


Similar Part No. - AD7788_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7788ARM AD-AD7788ARM Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788ARM-REEL AD-AD7788ARM-REEL Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788ARMZ AD-AD7788ARMZ Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788BRM AD-AD7788BRM Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788BRM-REEL AD-AD7788BRM-REEL Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
More results

Similar Description - AD7788_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
MAX1415 MAXIM-MAX1415 Datasheet
669Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 0; 1/04
logo
Analog Devices
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11200 MAXIM-MAX11200_12 Datasheet
1Mb / 27P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 1; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com