Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7794 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7794
Description  6-Channel, Low Noise, Low Power
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7794_15 Datasheet HTML 3Page - Analog Devices AD7794_15 Datasheet HTML 4Page - Analog Devices AD7794_15 Datasheet HTML 5Page - Analog Devices AD7794_15 Datasheet HTML 6Page - Analog Devices AD7794_15 Datasheet HTML 7Page - Analog Devices AD7794_15 Datasheet HTML 8Page - Analog Devices AD7794_15 Datasheet HTML 9Page - Analog Devices AD7794_15 Datasheet HTML 10Page - Analog Devices AD7794_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AD7794/AD7795
Rev. D | Page 6 of 36
Parameter1
AD7794/AD7795
Unit
Test Conditions/Comments
BIAS VOLTAGE GENERATOR
VBIAS
AVDD/2
V nom
VBIAS Generator Start-Up Time
ms/nF typ
Dependent on the capacitance connected to AIN;
See Figure 11
TEMPERATURE SENSOR
Accuracy
±2
°C typ
Applies if user calibrates the temperature sensor
Sensitivity
0.81
mV/°C typ
LOW-SIDE POWER SWITCH
RON
7
Ω max
AVDD = 5 V
9
Ω max
AVDD = 3 V
Allowable Current2
30
mA max
Continuous current
DIGITAL OUTPUTS (P1 and P2)
VOH, Output High Voltage2
AVDD − 0.6
V min
AVDD = 3 V, ISOURCE = 100 μA
VOL, Output Low Voltage2
0.4
V max
AVDD = 3 V, ISINK = 100 μA
VOH, Output High Voltage2
4
V min
AVDD = 5 V, ISOURCE = 200 μA
VOL, Output Low Voltage2
0.4
V max
AVDD = 5 V, ISINK = 800 μA
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency2
64 ± 3%
kHz
min/max
Duty Cycle
50:50
% typ
External Clock
Frequency
64
kHz nom
A 128 kHz external clock can be used if the divide-by-2
function is used (Bit CLK1 = CLK0 = 1)
Duty Cycle
45:55 to 55:45
% typ
Applies for external 64 kHz clock, a 128 kHz clock can
have a less stringent duty cycle
LOGIC INPUTS
CS2
VINL, Input Low Voltage
0.8
V max
DVDD = 5 V
0.4
V max
DVDD = 3 V
VINH, Input High Voltage
2.0
V min
DVDD = 3 V or 5 V
SCLK (Schmitt-Triggered Input),
CLK, and DIN2
AD7794B/AD7795B
VT(+)
1.4/2
V min/max
DVDD = 5 V
VT(−)
0.8/1.7
V min/max
DVDD = 5 V
VT(+) to VT(−)
0.1/0.17
V min/max
DVDD = 5 V
VT(+)
0.9/2
V min/max
DVDD = 3 V
VT(−)
0.4/1.35
V min/max
DVDD = 3 V
VT(+) to VT(−)
0.06/0.13
V min/max
DVDD = 3 V
AD7794C
VT(+)
1.35/2.05
V min/max
DVDD = 5 V
VT(−)
0.8/1.9
V min/max
DVDD = 5 V
VT(+) to VT(−)
0.1/0.19
V min/max
DVDD = 5 V
VT(+)
0.9/2
V min/max
DVDD = 3 V
VT(−)
0.4/1.35
V min/max
DVDD = 3 V
VT(+) to VT(−)
0.06/0.15
V min/max
DVDD = 3 V
Input Currents
±10
μA max
VIN = DVDD or GND
Input Capacitance
10
pF typ
All digital inputs


Similar Part No. - AD7794_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7794BRU AD-AD7794BRU Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRU-REEL AD-AD7794BRU-REEL Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRUZ-REEL1 AD-AD7794BRUZ-REEL1 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRUZ1 AD-AD7794BRUZ1 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794CRUZ-REEL1 AD-AD7794CRUZ-REEL1 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
More results

Similar Description - AD7794_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7795 AD-AD7795_15 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
AD7785 AD-AD7785_15 Datasheet
636Kb / 32P
   3-Channel, Low Noise, Low Power
REV. 0
AD7798 AD-AD7798_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
AD7799 AD-AD7799_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
logo
Intersil Corporation
X9116 INTERSIL-X9116 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9015 INTERSIL-X9015 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com