Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7797 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7797
Description  Low Power, 16-/24-Bit Sigma-Delta ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7797 Datasheet(HTML) 1 Page - Analog Devices

  AD7797_15 Datasheet HTML 1Page - Analog Devices AD7797_15 Datasheet HTML 2Page - Analog Devices AD7797_15 Datasheet HTML 3Page - Analog Devices AD7797_15 Datasheet HTML 4Page - Analog Devices AD7797_15 Datasheet HTML 5Page - Analog Devices AD7797_15 Datasheet HTML 6Page - Analog Devices AD7797_15 Datasheet HTML 7Page - Analog Devices AD7797_15 Datasheet HTML 8Page - Analog Devices AD7797_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power, 16-/24-Bit Sigma-Delta ADC
for Bridge Sensors
AD7796/AD7797
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
RMS noise: 65 nV
Instrumentation amp
Temperature sensor
Internal clock oscillator
Simultaneous 50 Hz/60 Hz rejection
Update rate: 4.17 Hz to 123 Hz
Current: 250 μA typ
Power-down: 1 μA
Power supply: 2.7 V to 5.25 V
–40°C to +85°C temperature range
Independent interface power supply
16-lead TSSOP
INTERFACE
3-wire serial
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Weigh scales
Strain gages
Industrial process control
Instrumentation
Portable instrumentation
GENERAL DESCRIPTION
The AD7796/AD7797 are complete, analog front ends for high
precision, bridge sensor applications such as weigh scales. The
AD7796/AD7797 contain a Σ-Δ ADC capable of 16-/24-bit
resolution, respectively. The on-chip instrumentation amplifier
has a fixed gain of 128, allowing small amplitude signals such as
those from bridge sensors to be directly interfaced to the ADC.
Each part has one differential input and contains a temperature
sensor that is internally connected to the ADC. This sensor can
be used to perform temperature compensation of the bridge.
The devices can be operated with the internal clock or an
external clock. The output data rate from the parts is software-
programmable and can be varied from 4.17 Hz to 123 Hz.
The AD7796/AD7797 operate with a power supply from 2.7 V
to 5.25 V. Each part consumes a current of 250 μA typical and is
housed in a 16-lead TSSOP.
FUNCTIONAL BLOCK DIAGRAM
AD7796/
AD7797
DOUT/RDY
DIN
SCLK
AIN(+)
AIN(–)
MUX
GND
Σ-Δ
ADC
AVDD
×128
REFERENCE
TEMP
SENSOR
INTERNAL
CLOCK
GND AVDD
REFIN(–)
REFIN(+)
CLK
AD7796: 16-BIT ADC
AD7797: 24-BIT ADC
SERIAL
INTERFACE
AND
CONTROL
LOGIC
CS
DVDD
Figure 1.


Similar Part No. - AD7797_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7797BRUZ AD-AD7797BRUZ Datasheet
552Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
REV. A
AD7797BRUZ AD-AD7797BRUZ Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
AD7797BRUZ-REEL AD-AD7797BRUZ-REEL Datasheet
552Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
REV. A
AD7797BRUZ-REEL AD-AD7797BRUZ-REEL Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
More results

Similar Description - AD7797_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7791 AD-AD7791 Datasheet
308Kb / 20P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com