Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4000 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4000
Description  CMOS NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4000 Datasheet(HTML) 1 Page - Intersil Corporation

  CD4000 Datasheet HTML 1Page - Intersil Corporation CD4000 Datasheet HTML 2Page - Intersil Corporation CD4000 Datasheet HTML 3Page - Intersil Corporation CD4000 Datasheet HTML 4Page - Intersil Corporation CD4000 Datasheet HTML 5Page - Intersil Corporation CD4000 Datasheet HTML 6Page - Intersil Corporation CD4000 Datasheet HTML 7Page - Intersil Corporation CD4000 Datasheet HTML 8Page - Intersil Corporation CD4000 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7-649
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4000BMS, CD4001BMS
CD4002BMS, CD4025BMS
CMOS NOR Gate
Pinouts
CD4000BMS
TOP VIEW
CD4001BMS
TOP VIEW
CD4002BMS
TOP VIEW
CD4025BMS
TOP VIEW
NC
NC
A
B
C
H = A + B + C
VSS
VDD
F
E
D
K = D + E + F
L = G
G
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
A
B
J = A + B
K = C + D
C
D
VSS
VDD
H
G
M = G + H
L = E + F
F
E
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
J = A + B + C + D
A
B
C
D
NC
VSS
VDD
K = E + F + G + H
H
G
F
E
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
A
B
D
E
F
K = D + E + F
VSS
VDD
G
H
I
L = G + H + I
J = A + B + C
C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
Features
• High-Voltage Types (20V Rating)
• Propagation Delay Time = 60ns (typ.) at CL = 50pF,
VDD = 10V
• Buffered Inputs and Outputs
• Standard Symmetrical Output Characteristics
• 100% Tested for Maximum Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age-Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Stan-
dards No. 13B, “Standard Specifications for Descrip-
tion of “B” Series CMOS Device’s
Description
CD4000BMS,
CD4001BMS,
CD4002BMS,
and
CD4025BMS NOR gates provide the system designer with
direct implementation of the NOR function and supplement
the existing family of CMOS gates. All inputs and outputs are
buffered.
The CD4000BMS, CD4001BMS, CD4002BMS and the
CD4025BMS is supplied in these 14 lead outline packages:
CD4000BMS
- Dual 3 Plus Inverter
CD4001BMS
- Quad 2 Input
CD4002BMS
- Dual 4 Input
CD4025BMS
- Triple 3 Input
CD4000B CD4001B CD4002B CD4025B
Braze Seal DIP
H4X
H4Q
H4Q
H4Q
Frit Seal DIP
H1B
H1B
H1B
H1B
Ceramic Flatpack
H3W
H3W
H3W
H3W
File Number
3289
November 1994


Similar Part No. - CD4000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4000 TI-CD4000 Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
CD4000 TI-CD4000 Datasheet
245Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE DIVIDE-BY-N COUNTER
CD4000 TI-CD4000 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
logo
Intersil Corporation
CD4000 INTERSIL-CD4000 Datasheet
140Kb / 10P
   CMOS 4 Bit Arithmetic Logic Unit
December 1992
logo
National Semiconductor ...
CD4000 NSC-CD4000 Datasheet
164Kb / 6P
   Quad 2-Input NOR(NAND) Buffered B Series Gate
More results

Similar Description - CD4000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4000BMS RENESAS-CD4000BMS Datasheet
409Kb / 9P
   CMOS NOR Gate
November 1994
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
[Old version datasheet]   CMOS 8-INPUT NOR/OR GATE
CD4078B TI-CD4078B Datasheet
187Kb / 4P
[Old version datasheet]   CMOS 8-INPUT NOR/OR GATE
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
[Old version datasheet]   CMOS 8-Input NOR/OR Gate
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
[Old version datasheet]   CMOS 8-input NOR/OR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
logo
Intersil Corporation
CD4078BMS INTERSIL-CD4078BMS Datasheet
67Kb / 8P
   CMOS 8 Input NOR/OR Gate
December 1992
logo
Texas Instruments
CD4078BE TI1-CD4078BE Datasheet
917Kb / 16P
[Old version datasheet]   CMOS 8-Input NOR/OR Gate
CD4001UB TI1-CD4001UB_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad 2-input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com