Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4009 Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4009
Description  CMOS Hex Buffers/Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4009 Datasheet(HTML) 7 Page - Intersil Corporation

  CD4009 Datasheet HTML 1Page - Intersil Corporation CD4009 Datasheet HTML 2Page - Intersil Corporation CD4009 Datasheet HTML 3Page - Intersil Corporation CD4009 Datasheet HTML 4Page - Intersil Corporation CD4009 Datasheet HTML 5Page - Intersil Corporation CD4009 Datasheet HTML 6Page - Intersil Corporation CD4009 Datasheet HTML 7Page - Intersil Corporation CD4009 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FIGURE 7. TYPICAL LOW-TO-HIGH PROPAGATION DELAY
TIME vs LOAD CAPACITANCE
FIGURE 8. TYPICAL HIGH-TO-LOW PROPAGATION DELAY
TIME vs LOAD CAPACITANCE
FIGURE 9. TYPICAL LOW-TO-HIGH TRANSITION TIME vs
LOAD CAPACITANCE
FIGURE 10. TYPICAL HIGH-TO-LOW TRANSISTION TIME vs
LOAD CAPACITANCE
FIGURE 11. TYPICAL DISSIPATION CHARACTERISTICS
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
120
100
80
60
40
20
0
20
40
60
80
100
120
LOAD CAPACITANCE (CL) (pF)
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
0
10
20
30
4050
60
7080
90
100
10
20
30
40
50
60
LOAD CAPACITANCE (CL) (pf)
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
250
200
150
100
50
0
20
40
60
80
100
120
LOAD CAPACITANCE (CL) (pF)
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
0
10
20
30
40
506070
80
90
100
10
20
30
40
50
60
LOAD CAPACITANCE (CL) (pf)
AMBIENT TEMPERATURE
10V
5V
SUPPLY VOLTAGE
(VCC) = 15V
(TA) = +25
oC
10V
CL = 15pF
LOAD CAPACITANCE (CL) = 50pF
10
24
6 8
102
24
6 8
103
24
68
104
10
2
4
6
8
102
2
4
6
8
103
2
4
6
8
INPUT FREQUENCY (f
φ) kHz
104
CD4009UBMS


Similar Part No. - CD4009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4009 TI-CD4009 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
List of Unclassifed Man...
CD4009 ETC2-CD4009 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
National Semiconductor ...
CD4009C NSC-CD4009C Datasheet
87Kb / 3P
   Hex Buffers
CD4009C NSC-CD4009C Datasheet
112Kb / 4P
   Hex Buffers (Inverting)
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
   Hex Buffers
More results

Similar Description - CD4009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4009UBPWRE4 TI-CD4009UBPWRE4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4009UB TI-CD4009UB Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4049UB TI-CD4049UB Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM96G4 TI-CD4010BM96G4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UB TI1-CD4009UB_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB_14 Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UB ONSEMI-MC14049UB_V01 Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
logo
National Semiconductor ...
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
   Hex Buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com