Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40105 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD40105
Description  CMOS FIFO Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40105 Datasheet(HTML) 4 Page - Intersil Corporation

  CD40105 Datasheet HTML 1Page - Intersil Corporation CD40105 Datasheet HTML 2Page - Intersil Corporation CD40105 Datasheet HTML 3Page - Intersil Corporation CD40105 Datasheet HTML 4Page - Intersil Corporation CD40105 Datasheet HTML 5Page - Intersil Corporation CD40105 Datasheet HTML 6Page - Intersil Corporation CD40105 Datasheet HTML 7Page - Intersil Corporation CD40105 Datasheet HTML 8Page - Intersil Corporation CD40105 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7-1320
Specifications CD40105BMS
Tri-State Output
Leakage
IOZH
VIN = VDD or GND
VOUT = VDD
VDD = 20V
1
+25oC
-
0.4
µA
2
+125oC-
12
µA
VDD = 18V
3
-55oC
-
0.4
µA
NOTES: 1. All voltages referenced to device GND, 100% testing being
implemented.
2. Go/No Go test with limits applied to inputs.
3. For accuracy, voltage is measured differentially to VDD. Limit
is 0.050V max.
4. VDD = 2.8V/3.0V, RL = 100K to VDD
VDD = 20V/18V, RL = 10K to VDD
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (NOTE 1)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Shift Out or Reset to
Data-Out Ready
TPHL1
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
370
ns
10, 11
+125oC, -55oC
-
500
ns
Propagation Delay
Shift In to Data-In Ready
TPHL2
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
320
ns
10, 11
+125oC, -55oC
-
432
ns
Propagation Delay
Ripple through Delay In-
put to Output
TPLH3
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC-
4
µs
10, 11
+125oC, -55oC
-
5.4
µs
Propagation Delay
3-State Control to Data
Out
TPZH
VDD = 5V, VIN = VDD or GND
(Note 2, 3)
9
+25oC
-
280
ns
10, 11
+125oC, -55oC
-
378
ns
Transition Time
TTHL
TTLH
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
200
ns
10, 11
+125oC, -55oC
-
270
ns
Maximum Shift-In or
Shift-Out Rate
FCL
VDD = 5V (Note 1, 2),
VIN = VDD or GND
9
+25oC
1.5
-
MHz
10, 11
+125oC, -55oC
1.11
-
MHz
NOTES:
1. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
3. CL = 50pF, RL = 1K, Input TR, TF < 20ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
5
µA
+125oC
-
150
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
300
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
600
µA
Output Voltage
VOL
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOL
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOH
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
4.95
-
V
Output Voltage
VOH
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
9.95
-
V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (NOTE 1)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Similar Part No. - CD40105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD401056B TI1-CD401056B Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD401056B TI1-CD401056B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40105B TI-CD40105B Datasheet
281Kb / 6P
[Old version datasheet]   CMOS FIFO REGISTER
CD40105B TI1-CD40105B Datasheet
451Kb / 9P
[Old version datasheet]   CMOS FIFO register
CD40105B-MIL TI1-CD40105B-MIL Datasheet
451Kb / 9P
[Old version datasheet]   CMOS FIFO register
More results

Similar Description - CD40105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40105B TI1-CD40105B_15 Datasheet
451Kb / 9P
[Old version datasheet]   CMOS FIFO register
CD40105BE TI-CD40105BE Datasheet
441Kb / 9P
[Old version datasheet]   CMOS FIFO REGISTER
CD40105B TI-CD40105B Datasheet
281Kb / 6P
[Old version datasheet]   CMOS FIFO REGISTER
logo
Renesas Technology Corp
CD40105BMS RENESAS-CD40105BMS Datasheet
417Kb / 10P
   CMOS FIFO Register
December 1992
logo
STMicroelectronics
HCC40105B STMICROELECTRONICS-HCC40105B Datasheet
260Kb / 12P
   FIFO REGISTER
logo
List of Unclassifed Man...
WD1510 ETC1-WD1510 Datasheet
332Kb / 4P
   LIFO/FIFO Buffer Register
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com