Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1203-Y Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1203-Y
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1203-Y Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1203-Y Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1203-Y Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Features
Suitable For Output Stage of 3 Watts Amplifier
Small Flat Package
PC = 1 to 2W (mounted on ceramic substrate)
Complementary to 2SC2883
Electrical Characteristics Ta = 25
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
s
a
B
-r
o
t
c
e
ll
o
C
CBO
-30
V
V
e
g
a
tl
o
V
r
e
tt
i
m
E
-r
o
t
c
e
ll
o
C
CEO
-30
V
V
e
g
a
tl
o
V
e
s
a
B
-r
e
tt
i
m
E
EBO
-5
V
I
t
n
e
rr
u
C
r
o
t
c
e
ll
o
C
C
-1.5
A
I
t
n
e
rr
u
C
e
s
a
B
B
-0.3
A
PC
500
PC *
1000
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
m
u
J
j
150
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
* Mounted on ceramic substrate (250 mm2 x 0.8 t)
W
m
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
PNP Transistors
2SA1203
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -1 mA, IE=0
-30
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA, IB=0
-30
Emitter - base breakdown voltage
VEBO
IE= -1mA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -30 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
Collector-emitter saturation voltage
VCE(sat) IC=-1.5A, IB=- 30mA
-2.0
Base - emitter saturation voltage
VBE(sat) IC=-1.5A, IB=- 30mA
-1.2
Base - emitter voltage
VBE
IC=-500 mA
VCE= -2V,
-1
DC current gain
hFE
VCE= -2V, IC= -500mA
100
320
Output capacitance
Cob
VCE= -10V,IE=0,f=1MHz
50
pF
Transition frequency
fT
VCE= -2V, IE= -500mA
120
MHz
V
nA
V
Classification of hfe
Type
2SA1203-O
2SA1203-Y
Range
100-200
160-320
Marking
HO
HY


Similar Part No. - 2SA1203-Y

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1203-Y TOSHIBA-2SA1203-Y Datasheet
160Kb / 4P
   Audio Frequency Amplifier Applications
More results

Similar Description - 2SA1203-Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com