Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1252 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1252
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1252 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1252_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1252_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
Features
High VEBO.
Wide ASO and high durability against breakdown.
Electrical Characteristics Ta = 25
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
-r
o
t
c
e
ll
o
C
CBO
-60
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-r
o
t
c
e
ll
o
C
CEO
-50
V
V
e
g
a
tl
o
v
e
s
a
b
-r
e
tt
i
m
E
EBO
-15
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
-150
mA
I
)
e
s
l
u
p
(
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
CP
-300
mA
P
n
o
it
a
p
i
s
s
i
d
r
o
t
c
e
ll
o
C
C
200
mW
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
m
u
J
j
125
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +125
PNP Transistors
2SA1252
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-60
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA,
IC=0
-50
Emitter - base breakdown voltage
VEBO
IE= -100μA,
IB = 0
-15
Collector-base cut-off current
ICBO
VCB= -40 V , IE=0
-0.1
Emitter cut-off current
IEBO
VEB= -10V , IC=0
-0.1
Collector-emitter saturation voltage
VCE(sat) IC=-50 mA, IB=-5mA
-0.5
Base-emitter saturation voltage
VBE(sat) IC=-50 mA, IB=-5mA
-1.2
DC forward current gain
hFE
VCE= -6V, IC= -1mA
90
600
Collector output capacitance
Cob
VCB= -6V, f=1MHz
3.5
pF
Transition frequency
fT
VCE= -6V, IC= -1mA
100
MHz
V
uA
V
Classification of hfe
Complementary to 2SC3134
Type
2SA1252-D4
2SA1252-D5
2SA1252-D6
2SA1252-D7
Range
90-180
135-270
200-400
300-600
Marking
D4
D5
D6
D7
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01


Similar Part No. - 2SA1252_15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1252 SANYO-2SA1252 Datasheet
106Kb / 4P
   For AF Applications
logo
Guangdong Kexin Industr...
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
More results

Similar Description - 2SA1252_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com