Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF363R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HF363R
Description  Heavy Duty Safety Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HF363R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HF363R Datasheet HTML 1Page - List of Unclassifed Manufacturers HF363R Datasheet HTML 2Page - List of Unclassifed Manufacturers HF363R Datasheet HTML 3Page - List of Unclassifed Manufacturers HF363R Datasheet HTML 4Page - List of Unclassifed Manufacturers HF363R Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-13
Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog
Product Category HDSS
Heavy Duty Safety Switches
Type 4/4X & 12 with Viewing Window
Selection
Siemens / Speedfax
Previous folio: 3-13
Updated by S Spencer 10-15-10
Description
30–600A, 3-pole 600V max. in fusible and
non-fusible versions in Type 4/4X stainless
steel and Type 12 enclosures.
All allow viewing of visible blade position.
30–200A also allow viewing of indicating
type fuses.
Features
b Rugged installer-friendly enclosure
design features a gasket flange with
continuously welded seams
b Tool-free cover latches
b Two, three and four point mounting
b Metal handle with large insulating grip
features a positive stop in both ON and
OFF position
b Ground lugs provided as standard
b Type 12 enclosures are fabricated from
galvanized steel and are also rated for
3R/3S outdoor applications
b Type 4X stainless steel switches
(30–200A) are provided with stainless
steel interior parts
b The widest range of accessories
available including 200% neutrals,
gold plated PLC auxiliary contacts
and isolated ground kits
Maximum Horsepower Ratingsb
Ampere
Ship.
240V AC
480V AC
600V AC
250V
600V
System
Rating
Catalog Number
Wt. (lbs.) 1-Phase, 2-Wire
3-Phase, 3-Wire
3-Phase, 3-Wire
3-Phase, 3-Wire
DC
DC
3-Pole, 3-Wire Non-Fusible, Type 12cd
600 Volt AC / 250 Volt DCa
3-Pole, 3-Wire Fusible, Type 4X Stainless Steeldf
600 Volt AC / 250 Volt DCa
3-Pole, 3-Wire Non-Fusible, Type 4X Stainless Steeldf
600 Volt AC / 250 Volt DCa
3-Pole, 3-Wire Fusible, Type 12cd
600 Volt AC / 250 Volt DCa
30
HF361JW
17
3
7 1/2
15
20
5
60
HF362JW
22
10
15
30
50
10
30e
100
HF363JW
26
15
30
60
75
20
50e
200
HF364JW
53
60
125
150
40
50
400
HF365JW
166
125
250
350
50
600
HF366JW
168
200
400
500
50
NEW
3-Pole, 3-Wire Fusible, Type 3Rd
600 Volt AC / 250 Volt DCa
30
HF361RW
17
3
7 1/2
15
20
5
60
HF362RW
22
10
15
30
50
10
30e
NEW
3-Pole, 3-Wire Non-Fusible, Type 3Rd
600 Volt AC / 250 Volt DCa
30
HNF361RW
14
3
10
20
30
5
60
HNF362RW
21
10
20
50
60
10
30e
30
HNF361JW
14
3
10
20
30
5
60
HNF362JW
21
10
20
50
60
10
30e
100
HNF363JW
25
15
40
75
100
20
50e
200
HNF364JW
51
15
60
125
150
40
50
400
HNF365JW
133
15
125
250
350
50
30
HF361SW
17
3
7 1/2
15
20
5
60
HF362SW
23
10
15
30
50
10
30e
100
HF363SW
28
15
30
60
75
20
50e
200
HF364SW
55
60
125
150
40
50
400
HF365SW
168
15
125
250
350
50
30
HNF361SW
15
3
10
20
30
5
60
HNF362SW
23
10
20
50
60
10
30e
100
HNF363SW
27
15
40
75
100
20
50e
200
HNF364SW
54
15
60
125
150
40
50
400
HNF365SW
134
15
125
250
350
50
a
200A switches are also rated 600V DC.
b
Maximum HP ratings listed apply only when time delay
fuses are used.
c
Also rated 3S/3R for outdoor use.
d
All switches are suitable for use as service entrance
equipment. Use outside poles of 3-pole switch for 2-pole
application.
e
600V DC and 600V DC horsepower rating shown
requires (2) poles to be connected in series.
f
304 grade stainless steel. For switches with enclosures
constructed from 316 grade stainless steel, see page 4-16.


Similar Part No. - HF363R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF363R ETC2-HF363R Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF363R ETC2-HF363R Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
More results

Similar Description - HF363R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HNF361R ETC2-HNF361R Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF361J ETC2-HF361J Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
logo
Littelfuse
5520 LITTELFUSE-5520 Datasheet
716Kb / 2P
   STANDARD HEAVY DUTY TOGGLE SWITCHES
2021 Rev: 020821-B
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
   Standard Heavy Duty Limit Switches
E50RA ETC2-E50RA Datasheet
465Kb / 11P
   Limit Switches E50 Heavy-Duty Plug-In Switches
logo
Littelfuse
956 LITTELFUSE-956 Datasheet
440Kb / 1P
   956 HEAVY DUTY SERIES IGNITION SWITCHES
2021 Rev: 020821-C
9100 LITTELFUSE-9100 Datasheet
351Kb / 1P
   HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
2020 Rev: 081720
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com