Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF368N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HF368N
Description  Heavy Duty Safety Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HF368N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HF368N Datasheet HTML 1Page - List of Unclassifed Manufacturers HF368N Datasheet HTML 2Page - List of Unclassifed Manufacturers HF368N Datasheet HTML 3Page - List of Unclassifed Manufacturers HF368N Datasheet HTML 4Page - List of Unclassifed Manufacturers HF368N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4-11
Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog
Product Category HDSS
Heavy Duty Safety Switches
Selection
Siemens / Speedfax
Previous folio: 3-11
Updated by S Spencer 10-15-10
0030
HF261
015
HF261R
015
03
0712
03
10
05
15
0060
HF262
020
HF262R
020
05
20
10
25
10
30
0100
HF263
026
HF263R
027
10
30
15
40
20
50
0400
HF265n
149
HF265Rn
152
50
50
40
50
0600
HF266n
150
HF266Rn
155
50
50
50
50
600 Volt Fusiblee
2-Pole, 2-Fusec
480 Volt AC/600 Volt AC/600 Volt DC
0030
HF361
14
HF361R
015
333 0712
005
015
03
10
00712 020
05
0030
HF361Lg
19
HF361RLg
020
3
0712
005
015
03
10
00712 020
05
0060
HF362
19
HF362R
020
5
20
015
030
10
25
015
050
10
30h
0060
HF362RLg
025
5
20
015
030
10
25
015
050
10
30h
0100
HF363
24
HF363R
025
5
20
025
060
15
40
030
075
20
50h
0200
HF364
48
HF364R
049
25
50
050
125
30
50
060
150
40
50
0400
HF365Hb
136
HF365RHb
137
100
250
125
350
50
0400
HF365
154
HF365R
157
100
250
125
350
50
0600
HF366Hb
138
HF366RHb
141
150
400
200
500
50
0600
HF366
157
HF366R
161
150
400
200
500
50
0800
HF367
365
HF367R
365
200
500
250
500
50
1200
HF368
383
HF368R
385
200
500
250
500
50
3-Pole, 3-Fuse
480 Volt AC/600 Volt AC/250 Volt DCa
0030
HF361S
013
HF361J
014
005
015
00712 020
05
0060
HF362S
020
HF362J
020
015
030
015
050
10
30h
0100
HF363S
025
HF363J
025
025
060
030
075
20
50h
0200
HF364S
049
HF364J
049
050
125
060
150
40
50
0400
HF365S
158
HF365J
160
100
250
125
350
50
0600
HF366S
161
HF366J
161
150
400
200
500
50
0800
HF367S
370
HF367Jn
365
200
500
250
500
50
01200
HF368Sn
388
HF368Jn
388
250
500
250
500
50
3-Pole, 3-Fuse
480 Volt AC/600 Volt AC/250 Volt DCa
n
Built to order. Allow 2–3 weeks for delivery.
a
60-200A 3-Pole switches are also rated 600V DC.
b
Height reduced switch (45.25 rather than 56 inches in
height) for use with 500MCM or smaller conductors.
c
Use 3-Pole switch for 200A applications.
d
Dual horsepower ratings: Std.- applies when non-time
delay fuses are installed. Max.- applies when time-
delay fuses are installed.
e
Suitable for use as service entrance equipment except for
1200 when used on 480 or 600V grounded wye system.
f
Also rated Type 3S/3R.
g
Indicates oversized enclosure (30A switch with 60A
lugs in a 60A enclosure or 60A switch with 100A lugs
in a 100A enclosure).
h
600V DC & 600V DC horsepower rating shown
requires (2) poles to be connected in series.
304 grade stainless steel. For switches with enclosures
constructed from 316 grade stainless steel, see page 4-16.
Indoor — Type 1
Outdoor — Type 3R
480V AC
600V AC
Ship. Wt.
Ship. Wt.
1-Phase,
3-Phase,
1-Phase,
3-Phase,
250 600
Ampere
(lbs.)
(lbs.)
2-Wire
3-Wire
2-Wire
3-Wire
Volt Volt
System
Rating
Catalog Number
Std. Pkg.
Catalog Number
Std. Pkg.
Std. Max.
Std. Max.
Std.
Max.
Std.
Max. DC
DC
Horsepower Ratingsd
0030
HF361N
014
HF361NR
015
03
0712
005
015
03
10
00712 020
05
0060
HF362N
019
HF362NR
020
05
20
015
030
10
25
015
050
10
30h
0100
HF363N
025
HF363NR
026
10
30
025
060
15
40
030
075
20
50h
0200
HF364N
049
HF364NR
050
25
50
050
125
30
50
060
150
40
50
0400
HF365N
158
HF365NR
162
100
250
125
350
50
0600
HF366N
161
HF366NR
165
150
400
200
500
50
0800
HF367N
375
HF367NR
375
250
500
250
500
50
1200
HF368N
395
HF368NR
388
250
500
250
500
50
3-Pole, 3-Fuse and Solid Neutral
480 Volt AC/600 Volt AC/250 Volt DCa
Type 4/4X Stainless
Type 12 Industrialf
0030
HF261S
015
HF261Jn
015
03
0712
03
10
05
15
0060
HF262S
020
HF262Jn
020
05
20
10
25
10
30
0100
HF263Sn
027
HF263Jn
027
10
30
15
40
20
50
0400
HF265Sn
153
HF265Jn
155
50
50
40
50
0600
HF266Sn
156
HF266Jn
156
50
50
50
50
600 Volt Fusiblee (For 2-Pole Applications use outside poles of 3-Pole Switches)
2-Pole, 2-Fusec
480 Volt AC/600 Volt AC/600 Volt DC


Similar Part No. - HF368N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF368N ETC2-HF368N Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF368N ETC2-HF368N Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF368NR ETC2-HF368NR Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF368NR ETC2-HF368NR Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
More results

Similar Description - HF368N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HNF361R ETC2-HNF361R Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF361J ETC2-HF361J Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
logo
Littelfuse
5520 LITTELFUSE-5520 Datasheet
716Kb / 2P
   STANDARD HEAVY DUTY TOGGLE SWITCHES
2021 Rev: 020821-B
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
   Standard Heavy Duty Limit Switches
E50RA ETC2-E50RA Datasheet
465Kb / 11P
   Limit Switches E50 Heavy-Duty Plug-In Switches
logo
Littelfuse
956 LITTELFUSE-956 Datasheet
440Kb / 1P
   956 HEAVY DUTY SERIES IGNITION SWITCHES
2021 Rev: 020821-C
9100 LITTELFUSE-9100 Datasheet
351Kb / 1P
   HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
2020 Rev: 081720
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com