Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5NJ5305 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF5NJ5305
Description  HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5NJ5305 Datasheet(HTML) 5 Page - International Rectifier

  IRF5NJ5305 Datasheet HTML 1Page - International Rectifier IRF5NJ5305 Datasheet HTML 2Page - International Rectifier IRF5NJ5305 Datasheet HTML 3Page - International Rectifier IRF5NJ5305 Datasheet HTML 4Page - International Rectifier IRF5NJ5305 Datasheet HTML 5Page - International Rectifier IRF5NJ5305 Datasheet HTML 6Page - International Rectifier IRF5NJ5305 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRF5NJ5305
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
-10V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0
5
10
15
20
25
30
T , Case Temperature ( C)
°
C

LIMITED BY PACKAGE


Similar Part No. - IRF5NJ5305

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5NJ5305 IRF-IRF5NJ5305 Datasheet
118Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-22A*)
IRF5NJ5305 IRF-IRF5NJ5305 Datasheet
120Kb / 7P
   Avalanche Energy Ratings
IRF5NJ5305 IRF-IRF5NJ5305_15 Datasheet
120Kb / 7P
   Avalanche Energy Ratings
More results

Similar Description - IRF5NJ5305

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL7NJ3802 IRF-IRL7NJ3802 Datasheet
125Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJZ34 IRF-IRF5NJZ34 Datasheet
113Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJZ48SCV IRF-IRF5NJZ48SCV Datasheet
118Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL5NJ024 IRF-IRL5NJ024 Datasheet
115Kb / 7P
   LOGIC LEVEL HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL5NJ7404 IRF-IRL5NJ7404 Datasheet
116Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 20V, P-CHANNEL
IRL5NJ7413 IRF-IRL5NJ7413 Datasheet
165Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 30V, N-CHANNEL
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7NA2907SCV IRF-IRF7NA2907SCV Datasheet
114Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-2)
IRL7N1404 IRF-IRL7N1404 Datasheet
115Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com