Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6619 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6619
Description  Low Profile (0.7 mm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6619 Datasheet(HTML) 2 Page - International Rectifier

  IRF6619 Datasheet HTML 1Page - International Rectifier IRF6619 Datasheet HTML 2Page - International Rectifier IRF6619 Datasheet HTML 3Page - International Rectifier IRF6619 Datasheet HTML 4Page - International Rectifier IRF6619 Datasheet HTML 5Page - International Rectifier IRF6619 Datasheet HTML 6Page - International Rectifier IRF6619 Datasheet HTML 7Page - International Rectifier IRF6619 Datasheet HTML 8Page - International Rectifier IRF6619 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6619
2
www.irf.com
ƒ Repetitive rating; pulse width limited by max. junction temperature.
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
14
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.65
2.2
m
–––
2.2
3.0
VGS(th)
Gate Threshold Voltage
1.55
–––
2.45
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.8
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
89
–––
–––
S
Qg
Total Gate Charge
–––
38
57
Qgs1
Pre-Vth Gate-to-Source Charge
–––
10.2
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
3.5
–––
nC
Qgd
Gate-to-Drain Charge
–––
13.2
–––
Qgodr
Gate Charge Overdrive
–––
11.1
–––
See Fig. 18
Qsw
Switch Charge (Qgs2 + Qgd)
–––
16.7
–––
Qoss
Output Charge
–––
22
–––
nC
RG
Gate Resistance
–––
–––
2.3
td(on)
Turn-On Delay Time
–––
21
–––
tr
Rise Time
–––
71
–––
td(off)
Turn-Off Delay Time
–––
25
–––
ns
tf
Fall Time
–––
9.3
–––
Ciss
Input Capacitance
–––
5040
–––
Coss
Output Capacitance
–––
1580
–––
pF
Crss
Reverse Transfer Capacitance
–––
780
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current @TC=25°C
–––
–––
110
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
240
(Body Diode)
e
VSD
Diode Forward Voltage
–––
0.8
1.0
V
trr
Reverse Recovery Time
–––
29
44
ns
Qrr
Reverse Recovery Charge
–––
18
27
nC
MOSFET symbol
Clamped Inductive Load
VDS = 10V, ID = 24A
Conditions
ƒ = 1.0MHz
VDS = 10V, VGS = 0V
VDD = 16V, VGS = 4.5V
g
VDS = 10V
VGS = 4.5V, ID = 24A
g
VDS = VGS, ID = 250µA
VDS = 16V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 30A
g
TJ = 25°C, IF = 24A
di/dt = 100A/µs
g
TJ = 25°C, IS = 24A, VGS = 0V
g
showing the
integral reverse
p-n junction diode.
ID = 16A
VGS = 0V
VDS = 10V
ID = 24A
VDS = 16V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 4.5V


Similar Part No. - IRF6619

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6619 IRF-IRF6619 Datasheet
292Kb / 9P
   DirectFET Power MOSFET
IRF6619PBF IRF-IRF6619PBF Datasheet
295Kb / 10P
   DirectFET Power MOSFET
IRF6619PBF IRF-IRF6619PBF Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6619TRPBF IRF-IRF6619TRPBF Datasheet
295Kb / 10P
   DirectFET Power MOSFET
More results

Similar Description - IRF6619

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
TSW-6 SHINMEI-TSW-6 Datasheet
191Kb / 4P
   Height 0.7/0.8mm, Low-profile Type Tactile Switches
logo
WAGO Kontakttechnik Gmb...
2000-2291 WAGO-2000-2291 Datasheet
53Kb / 3P
   End plate; 0.7 mm thick; gray
24.11.2021
2000-2292 WAGO-2000-2292 Datasheet
53Kb / 3P
   End plate; 0.7 mm thick; orange
24.11.2021
logo
STANLEY ELECTRIC CO.,LT...
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
logo
ECS, Inc.
ECS-VXO-97 ECS-ECS-VXO-97 Datasheet
346Kb / 1P
   2.0 mm low profile
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C Datasheet
286Kb / 17P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
logo
WAGO Kontakttechnik Gmb...
2000-1392 WAGO-2000-1392 Datasheet
111Kb / 3P
   End and intermediate plate; 0.7 mm thick; orange
24.11.2021
2000-1492 WAGO-2000-1492 Datasheet
98Kb / 3P
   End and intermediate plate; 0.7 mm thick; orange
24.11.2021
logo
Skyworks Solutions Inc.
SKY65048-360LF SKYWORKS-SKY65048-360LF Datasheet
524Kb / 19P
   0.7-1.2 GHz Low Noise Amplifier
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com