Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKT41 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # IRKT41
Description  Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRKT41 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button IRKT41 Datasheet HTML 3Page - Vishay Siliconix IRKT41 Datasheet HTML 4Page - Vishay Siliconix IRKT41 Datasheet HTML 5Page - Vishay Siliconix IRKT41 Datasheet HTML 6Page - Vishay Siliconix IRKT41 Datasheet HTML 7Page - Vishay Siliconix IRKT41 Datasheet HTML 8Page - Vishay Siliconix IRKT41 Datasheet HTML 9Page - Vishay Siliconix IRKT41 Datasheet HTML 10Page - Vishay Siliconix IRKT41 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 94419
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 23-Apr-08
7
VSK.41, .56..PbF Series
Thyristor/Diode and Thyristor/Thyristor
(ADD-A-PAKTM Generation 5 Power Modules),
45/60 A
Vishay High Power Products
Fig. 16 - On-State Power Loss Characteristics
Fig. 17 - On-State Power Loss Characteristics
Fig. 18 - On-State Power Loss Characteristics
0
204060
80
100
120
140
Maximum Allowable Ambient Temperature (°C)
4 K/W
2 K/W
1.5 K
/ W
1 K
/ W
0.7
K/W
0
20
40
60
80
100
120
140
160
180
200
0
204060
80
100
120
140
180°
120°
90°
60°
30°
Total RMSOutput Current (A)
Conduc tion Angle
VSK.56.. Series
Per Mod ule
T = 125°C
J
0
20
40
60
80
100
120
140
Maximum Allowable Ambient Temperature (°C)
2 K/ W
1 K/ W
0.7
K/ W
0.5
K/W
0.3
K/W
0.2
K/
W
0
50
100
150
200
250
300
350
400
450
0
204060
80
100
120
140
Total Output Current (A)
180°
(Sine)
180°
(Rec t)
2 x VSK.56.. Series
Single Phase Bridge
Connec ted
T = 125°C
J
0
20
40
60
80
100
120
140
Maximum Allowable Ambient Temperature (°C)
1 K/ W
0.7 K/
W
0.5
K/ W
0.3
K/W
0.2
K/
W
0
100
200
300
400
500
600
0
20
40
60
80 100 120140 160180
Total Output Current (A)
120°
(Rec t)
3 x VSK.56.. Series
Three Phase Bridge
Connec ted
T = 125°C
J


Similar Part No. - IRKT41

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT41/04A IRF-IRKT41/04A Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT41/04AS90 IRF-IRKT41/04AS90 Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT41/06A IRF-IRKT41/06A Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT41/06AS90 IRF-IRKT41/06AS90 Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT41/08A IRF-IRKT41/08A Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKT41

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT41 VISHAY-VSKT41 Datasheet
320Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
VSKUV41 VISHAY-VSKUV41 Datasheet
234Kb / 10P
   Thyristor/Thyristor, 45/60 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 25-Apr-08
VSKT26 VISHAY-VSKT26 Datasheet
200Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 27 A
Revision: 22-Apr-08
VSKT105 VISHAY-VSKT105 Datasheet
249Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 105 A
Revision: 04-Jul-08
VSKT71 VISHAY-VSKT71 Datasheet
278Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 75/95 A
Revision: 24-Apr-08
VSKUV105 VISHAY-VSKUV105 Datasheet
177Kb / 8P
   Thyristor/Thyristor, 105 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 24-Apr-08
VS-VSK.41 VISHAY-VS-VSK.41 Datasheet
508Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 21-Mar-14
VSKT41 VISHAY-VSKT41_10 Datasheet
734Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 17-May-10
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com