Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC210A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LC210A
Description  General Purpose DMM Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC210A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LC210A Datasheet HTML 1Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 2Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 3Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 4Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 5Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 6Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
For your nearest distributor, call 800-462-9832 or www.bkprecision.com
93
Model TL-55
Test Lab Starter Kit
For the first time student or new lab technician, here is a complete starter accessory
kit. It contains the most commonly used products for instrument hookup - leads,
probes, hooks and alligator clips for DMMs,150 MHz x1/x10 switchable
oscilloscope probe, BNC cable and BNC adapters - everything you’ll need to get
started. They are of the same high quality as B+K Precision offers individually but
in one fully stocked kit. Get going in your profession with B+K Precision
instruments and the convenient Model TL-55, Test Lab Starter Kit. Packaged in
plastic box.
Model PR-50
3 Piece Oscilloscope Probe Kit
If you need a complete range of probe attenuation, then this is the kit for you. It
contains three probes - x1, x100, and x1/x10 switchable. They are of the same high
quality as B+K Precision standard probes but in one convenient kit. Each probe
includes a full accessory offering with Sprung Hook, Replacement Tip, Ground Lead
and BNC Adapter. All probe are compliant to IEC61010-2-031.
Attenuation
x1
x1/x10/REF
x100
Input Impedance
R(M
Ω)
*
1/10
100
C(pF)
46
100/15
6.5
Bandwidth (MHz)
15
6/150
250
Voltage (VDC+ACmax)
600
600
600
Compensation (pF)
---
10..35
10..35
Cable Length
48" (1.2m)
48" (1.2m)
48" (1.2m)
Body Color
Gray
Grey
Black
* Input impedance of oscilloscope.
PR-50
TL-55
Model FP-6
Semiconductor Test Leads
Specialized test lead set for B+K Precision semiconductor testers. Three conductor
lead with 4mm banana plugs to mini-IC test clips.
3 conductors - Yellow, Green and Blue
30" (76cm) length
FP-6
4mm Straight to Right-Angle Silicone Leads, 1.5m
1000V
CATIII
12A
Probe Bodies w/ø4mm Tip
1000V
CATIII
36A
Fully Insulated Alligator Clips
1000V
CATIII
12A
Sprung Hooks
500V
CATI
3A
150MHz Oscilloscope Probe x1/x10/Ref
600V
CATI
BNC male to male Cable Assembly, 40" (1.0m)
500Vrms
BNC Breakout to IC Clip
500Vrms
Insulated BNC male adapter to 4mm Jacks
500V
CATII
3A
BNC female to 4mm Banana Plugs
500Vrms
BNC male to 4mm Binding Post Adapter
500Vrms
Features
model
PR-50
Kit Contents
model
TL-55


Similar Part No. - LC210A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC21003B ETC1-LC21003B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21005A ETC1-LC21005A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21006B ETC1-LC21006B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21010A ETC1-LC21010A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21011B ETC1-LC21011B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
More results

Similar Description - LC210A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5543B POMONA-5543B Datasheet
132Kb / 2P
   Electronic DMM Test Lead Kit
5673B POMONA-5673B Datasheet
114Kb / 2P
   Electrical DMM Test Lead Kit
6530A POMONA-6530A Datasheet
64Kb / 1P
   Deluxe Automotive DMM Test Lead Kit
5904A POMONA-5904A Datasheet
144Kb / 2P
   Deluxe Electrical DMM Test Lead kit
5674C POMONA-5674C Datasheet
164Kb / 2P
   Deluxe Electronic DMM Test Lead kit
5900A POMONA-5900A Datasheet
134Kb / 2P
   Basic Industrrial DMM Test Lead Kit
5672A POMONA-5672A Datasheet
87Kb / 2P
   Basic Electronic DMM Test Lead Kit
5901B POMONA-5901B Datasheet
119Kb / 2P
   Electronic Bench DMM Test Lead Kit
5903A POMONA-5903A Datasheet
149Kb / 2P
   Industrial / Automotive DMM Test Lead Kit
logo
Extech Instruments Corp...
MA620-K EXTECH-MA620-K Datasheet
568Kb / 1P
   Industrial DMM/Clamp Meter Test Kit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com