Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40257BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD40257BMS
Description  CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40257BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD40257BMS Datasheet HTML 1Page - Intersil Corporation CD40257BMS Datasheet HTML 2Page - Intersil Corporation CD40257BMS Datasheet HTML 3Page - Intersil Corporation CD40257BMS Datasheet HTML 4Page - Intersil Corporation CD40257BMS Datasheet HTML 5Page - Intersil Corporation CD40257BMS Datasheet HTML 6Page - Intersil Corporation CD40257BMS Datasheet HTML 7Page - Intersil Corporation CD40257BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-1442
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD40257BMS
CMOS Quad 2 Line to 1 Line
Data Selector/Multiplexer
Features
• High Voltage Type (20V Rating)
• 3-State Outputs
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Standardized Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Digital Multiplexing
• Shift Right/Shift Left Registers
• True/Complement Selection
Description
CD40257BMS is a data selector/multiplexer featuring three
state outputs which can interface directly with and drive data
lines of bus oriented systems.
The CD40257BMS is supplied in these 16-lead outline
packages:
Braze Seal DIP
H4T
Frit Seal DIP
H1E
Ceramic Flatpack
H3X
December 1992
File Number
3364
Pinout
CD40257BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
INPUT SELECT
A1
B1
D1
A2
B2
VSS
D2
VDD
A4
B4
D4
A3
B3
D3
OUTPUT DISABLE
2
3
5
6
11
10
14
13
A1
B1
A2
B2
A4
B4
A3
B3
1
4
7
9
12
D1
D2
D3
D4
OUTPUT
15
VDD = 16
VSS = 8
DISABLE
INPUT
SELECT


Similar Part No. - CD40257BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40257BM TI1-CD40257BM Datasheet
421Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Date Selector/Multi plexer
CD40257BM TI1-CD40257BM Datasheet
448Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
CD40257BME4 TI1-CD40257BME4 Datasheet
421Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Date Selector/Multi plexer
CD40257BMG4 TI1-CD40257BMG4 Datasheet
421Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Date Selector/Multi plexer
CD40257BMG4 TI1-CD40257BMG4 Datasheet
448Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
More results

Similar Description - CD40257BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
   QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
CD40257B TI1-CD40257B_14 Datasheet
448Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
   Quad 1 of 2 Line Data Selector/Multiplexer
logo
Texas Instruments
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI1-SN74LVC2G157_15 Datasheet
916Kb / 22P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com