Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4025 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CD4025
Description  CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4025 Datasheet(HTML) 2 Page - Intersil Corporation

  CD4025 Datasheet HTML 1Page - Intersil Corporation CD4025 Datasheet HTML 2Page - Intersil Corporation CD4025 Datasheet HTML 3Page - Intersil Corporation CD4025 Datasheet HTML 4Page - Intersil Corporation CD4025 Datasheet HTML 5Page - Intersil Corporation CD4025 Datasheet HTML 6Page - Intersil Corporation CD4025 Datasheet HTML 7Page - Intersil Corporation CD4025 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7-1443
Specifications CD40257BMS
Absolute Maximum Ratings
Reliability Information
DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . -0.5V to +20V
(Voltage Referenced to VSS Terminals)
Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Package Types D, F, K, H
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . +265oC
At Distance 1/16
± 1/32 Inch (1.59mm ± 0.79mm) from case for
10s Maximum
Thermal Resistance
θ
ja
θ
jc
Ceramic DIP and FRIT Package . . . . .
80oC/W
20oC/W
Flatpack Package . . . . . . . . . . . . . . . .
70oC/W
20oC/W
Maximum Package Power Dissipation (PD) at +125oC
For TA = -55
oC to +100oC (Package Type D, F, K) . . . . . . 500mW
For TA = +100
oC to +125oC (Package Type D, F, K). . . . . .Derate
Linearity at 12mW/oC to 200mW
Device Dissipation per Output Transistor . . . . . . . . . . . . . . . 100mW
For TA = Full Package Temperature Range (All Package Types)
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (NOTE 1)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1
+25oC-
2
µA
2
+125oC
-
200
µA
VDD = 18V, VIN = VDD or GND
3
-55oC-
2
µA
Input Leakage Current
IIL
VIN = VDD or GND
VDD = 20
1
+25oC
-100
-
nA
2
+125oC
-1000
-
nA
VDD = 18V
3
-55oC
-100
-
nA
Input Leakage Current
IIH
VIN = VDD or GND
VDD = 20
1
+25oC
-
100
nA
2
+125oC
-
1000
nA
VDD = 18V
3
-55oC
-
100
nA
Output Voltage
VOL15
VDD = 15V, No Load
1, 2, 3
+25oC, +125oC, -55oC
-
50
mV
Output Voltage
VOH15
VDD = 15V, No Load (Note 3)
1, 2, 3
+25oC, +125oC, -55oC 14.95
-
V
Output Current (Sink)
IOL5
VDD = 5V, VOUT = 0.4V
1
+25oC
0.53
-
mA
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1
+25oC
1.4
-
mA
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1
+25oC
3.5
-
mA
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1
+25oC
-
-0.53
mA
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1
+25oC
-
-1.8
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1
+25oC
-
-1.4
mA
Output Current (Source)
IOH15
VDD = 15V, VOUT = 13.5V
1
+25oC
-
-3.5
mA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1
+25oC
-2.8
-0.7
V
P Threshold Voltage
VPTH
VSS = 0V, IDD = 10
µA
1
+25oC
0.7
2.8
V
Functional
F
VDD = 2.8V, VIN = VDD or GND
7
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 20V, VIN = VDD or GND
7
+25oC
VDD = 18V, VIN = VDD or GND
8A
+125oC
VDD = 3V, VIN = VDD or GND
8B
-55oC
Input Voltage Low
(Note 2)
VIL
VDD = 5V, VOH > 4.5V, VOL < 0.5V
1, 2, 3
+25oC, +125oC, -55oC
-
1.5
V
Input Voltage High
(Note 2)
VIH
VDD = 5V, VOH > 4.5V, VOL < 0.5V
1, 2, 3
+25oC, +125oC, -55oC
3.5
-
V
Input Voltage Low
(Note 2)
VIL
VDD = 15V, VOH > 13.5V, VOL < 1.5V
1, 2, 3
+25oC, +125oC, -55oC-
4
V
Input Voltage High
(Note 2)
VIH
VDD = 15V, VOH > 13.5V, VOL < 1.5V
1, 2, 3
+25oC, +125oC, -55oC11
-
V
Tri-State Output
Leakage
IOZL
VIN = VDD or GND
VOUT = 0V
VDD = 20V
1
+25oC
-0.4
-
µA
2
+125oC
-12
-
µA
VDD = 18V
3
-55oC
-0.4
-
µA
Tri-State Output
Leakage
IOZH
VIN = VDD or GND
VOUT = VDD
VDD = 20V
1
+25oC
-
0.4
µA
2
+125oC-
12
µA
VDD = 18V
3
-55oC
-
0.4
µA
NOTES: 1. All voltages referenced to device GND, 100% testing being
implemented.
2. Go/No Go test with limits applied to inputs.
3. For accuracy, voltage is measured differentially to VDD. Limit
is 0.050V max.


Similar Part No. - CD4025

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4025 NSC-CD4025 Datasheet
127Kb / 6P
   Buffered Triple 3-Input NAND,NOR Gate
logo
Texas Instruments
CD4025 TI-CD4025 Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
List of Unclassifed Man...
CD4025 ETC2-CD4025 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
CD40257B TI1-CD40257B Datasheet
448Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
More results

Similar Description - CD4025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
   QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
CD40257B TI1-CD40257B_14 Datasheet
448Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
   Quad 1 of 2 Line Data Selector/Multiplexer
logo
Texas Instruments
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI1-SN74LVC2G157_15 Datasheet
916Kb / 22P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com