Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7849BR-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # AD7849BR-REEL
Description  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849BR-REEL Datasheet(HTML) 3 Page - Analog Devices

  AD7849BR-REEL Datasheet HTML 1Page - Analog Devices AD7849BR-REEL Datasheet HTML 2Page - Analog Devices AD7849BR-REEL Datasheet HTML 3Page - Analog Devices AD7849BR-REEL Datasheet HTML 4Page - Analog Devices AD7849BR-REEL Datasheet HTML 5Page - Analog Devices AD7849BR-REEL Datasheet HTML 6Page - Analog Devices AD7849BR-REEL Datasheet HTML 7Page - Analog Devices AD7849BR-REEL Datasheet HTML 8Page - Analog Devices AD7849BR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD7849
Rev. C | Page 3 of 20
SPECIFICATIONS
VDD = 14.25 V to 15.75 V; VSS = −14.25 V to −15.75 V; VCC = 4.75 V to 5.25 V; VOUT loaded with 2 kΩ, 200 pF to 0 V; VREF+ = 5 V; ROFS
connected to 0 V; TA = TMIN to TMAX, unless otherwise noted. Temperature range for A, B, C versions is −40°C to +85°C.
Table 1.
Parameter
A Version
B Version
C Version
Unit
Test Conditions/Comments
RESOLUTION
14
16
16
Bits
A version: 1 LSB = 2 (VREF+ − VREF−)/214;
B, C versions: 1 LSB = 2 (VREF+ − VREF−)/216
UNIPOLAR OUTPUT
VREF− = 0 V, VOUT = 0 V to 10 V
Relative Accuracy at 25°C
±4
±6
±4
LSB typ
TMIN to TMAX
±5
±16
±8
LSB max
Differential Nonlinearity
±0.25
±0.9
±0.5
LSB max
All grades guaranteed monotonic
over temperature
Gain Error at 25°C
±1
±4
±4
LSB typ
VOUT load = 10 MΩ
TMIN to TMAX
±4
±16
±16
LSB max
Offset Error at 25°C
±1
±4
±4
LSB typ
TMIN to TMAX
±6
±24
±16
LSB max
Gain Temperature Coefficient1
±2
±2
±2
ppm FSR/
°C typ
Offset Temperature Coefficient1
±2
±2
±2
ppm FSR/
°C typ
BIPOLAR OUTPUT
VREF− = 5 V, VOUT = −10 V to +10 V
Relative Accuracy at 25°C
±2
±3
±2
LSB typ
TMIN to TMAX
±3
±8
±4
LSB max
Differential Nonlinearity
±0.25
±0.9
±0.5
LSB max
All grades guaranteed monotonic
over temperature
Gain Error at 25°C
±1
±4
±4
LSB typ
VOUT load = 10 MΩ
TMIN to TMAX
±4
±16
±16
LSB max
Offset Error at 25°C
±0.5
±2
±2
LSB typ
TMIN to TMAX
±3
±12
±8
LSB max
Bipolar Zero Error at 25°C
±0.5
±2
±2
LSB typ
TMIN to TMAX
±4
±12
±8
LSB max
Gain Temperature Coefficient1
±2
±2
±2
ppm FSR/
°C typ
Offset Temperature Coefficient1
±2
±2
±2
ppm FSR/
°C typ
Bipolar Zero Temperature
Coefficient1
±2
±2
±2
ppm FSR/
°C typ
REFERENCE INPUT
Input Resistance
25
25
25
kΩ min
Resistance from VREF+ to VREF−
43
43
43
kΩ max
Typically 34 kΩ
VREF+ Range
VSS + 6 to
VDD − 6
VSS + 6 to
VDD − 6
VSS + 6 to
VDD − 6
V
VREF− Range
VSS + 6 to
VDD − 6
VSS + 6 to
VDD − 6
VSS + 6 to
VDD − 6
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
VSS + 4 to
VDD − 4
VSS + 4 to
VDD − 4
VSS + 4 to
VDD − 4
V max
Resistive Load
2
2
2
kΩ min
To 0 V
Capacitive Load
200
200
200
pF max
To 0 V
Output Resistance
0.3
0.3
0.3
Ω typ
Short-Circuit Current
±25
±25
±25
mA typ
Voltage range: −10 V to +10 V


Similar Part No. - AD7849BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7849BR-REEL AD-AD7849BR-REEL Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

Similar Description - AD7849BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com