Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4033 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4033
Description  CMOS Decade Counter/Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4033 Datasheet(HTML) 1 Page - Intersil Corporation

  CD4033 Datasheet HTML 1Page - Intersil Corporation CD4033 Datasheet HTML 2Page - Intersil Corporation CD4033 Datasheet HTML 3Page - Intersil Corporation CD4033 Datasheet HTML 4Page - Intersil Corporation CD4033 Datasheet HTML 5Page - Intersil Corporation CD4033 Datasheet HTML 6Page - Intersil Corporation CD4033 Datasheet HTML 7Page - Intersil Corporation CD4033 Datasheet HTML 8Page - Intersil Corporation CD4033 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
7-826
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4033BMS
CMOS Decade Counter/Divider
Description
CD4033BMS consists of a 5 stage Johnson decade counter
and an output decoder which converts the Johnson code to a 7
segment decoded output for driving one stage in a numerical
display.
This device is particularly advantageous in display applications
where low power dissipation and/or low package count is
important.
A high RESET signal clears the decade counter to its zero
count. The counter is advanced one count at the positive clock
signal transition if the CLOCK INHIBIT signal is low. Counter
advancement via the clock line is inhibited when the CLOCK
INHIBIT signal is high. The CLOCK INHIBIT signal can be used
as a negative-edge clock if the clock line is held high. Antilock
gating is provided on the JOHNSON counter, thus assuring
proper counting sequence. The CARRY-OUT (Cout) signal
completes one cycle every ten CLOCK INPUT cycles and is
used to clock the succeeding decade directly in a multi-decade
counting chain.
The seven decoded outputs (a, b, c, d, e, f, g) illuminate the
proper segments in a seven segment display device used for
representing the decimal numbers 0 to 9. The 7 segment out-
puts go high on selection.
Features
• High Voltage Types (20V Rating)
• Decoded 7 Segment Display Outputs and Ripple
Blanking
• Counter and 7 Segment Decoding in One Package
• Easily Interfaced with 7 Segment Display Types
• Fully Static Counter Operation DC to 6MHz (typ.) at VDD =
10V
• Ideal for Low-Power Displays
• “Ripple Blanking” and Lamp Test
• 100% Tested for Quiescent Current at 20V
• Standardized Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Schmitt-Triggered Clock Inputs
• Meets All Requirements of JEDEC Tentative Stan-
dards No. 13B, “Standard Specifications for Descrip-
tion of “B” Series CMOS Device’s
Applications
• Decade Counting 7 Segment Decimal Display
• Frequency Division 7 Segment Decimal Displays
• Clocks, Watches, Timers (e.g.
÷ 60, ÷ 60, ÷12 Counter/
Display
• Counter/Display Driver For Meter Applications
File Number
3301
December 1992
Pinout
CD4033BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CLOCK
CLOCK INHIBIT
RIPPLE BLANKING IN
RIPPLE BLANKING OUT
CARRY OUT
f
VSS
g
VDD
LAMP TEST
c
b
e
a
d
RESET
Functional Diagram
CLOCK
b
c
d
e
f
g
CARRY OUT
RIPPLE
VSS
VDD
110
12
13
9
11
6
7
5
16
8
a
4
BLK
OUT
3
RIPPLE
BLK
IN
2
15
CLOCK
INHIBIT
RESET
14
LAMP
TEST


Similar Part No. - CD4033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4033 TI-CD4033 Datasheet
497Kb / 12P
[Old version datasheet]   CMOS DECADE COUNTERS/DIVIDERS
CD4033B TI-CD4033B Datasheet
497Kb / 12P
[Old version datasheet]   CMOS DECADE COUNTERS/DIVIDERS
CD4033B TI-CD4033B Datasheet
873Kb / 15P
[Old version datasheet]   CMOS DECADE COUNTERS/DIVIDERS
CD4033BE TI1-CD4033BE Datasheet
873Kb / 15P
[Old version datasheet]   CMOS Decade Counters/Dividers
CD4033BE TI-CD4033BE Datasheet
873Kb / 15P
[Old version datasheet]   CMOS Decade Counters/Dividers
More results

Similar Description - CD4033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD4017A ETC1-CD4017A Datasheet
274Kb / 4P
   CMOS Decade Counter/Divider
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
   Decade Counter/Divider
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
   Decade Counter/Divider
logo
Texas Instruments
CD4017BC TI1-CD4017BC Datasheet
415Kb / 10P
[Old version datasheet]   Decade Counter/Divider
logo
Toshiba Semiconductor
TC74HC4017AP TOSHIBA-TC74HC4017AP Datasheet
245Kb / 5P
   DECADE COUNTER/DIVIDER
logo
STMicroelectronics
M54HC4017 STMICROELECTRONICS-M54HC4017 Datasheet
258Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP Datasheet
277Kb / 6P
   DECADE COUNTER/DIVIDER
logo
Renesas Technology Corp
HD74HC4017 RENESAS-HD74HC4017 Datasheet
116Kb / 11P
   Decade Counter / Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com