Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7864 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7864
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7864 Datasheet(HTML) 3 Page - Analog Devices

  AD7864_15 Datasheet HTML 1Page - Analog Devices AD7864_15 Datasheet HTML 2Page - Analog Devices AD7864_15 Datasheet HTML 3Page - Analog Devices AD7864_15 Datasheet HTML 4Page - Analog Devices AD7864_15 Datasheet HTML 5Page - Analog Devices AD7864_15 Datasheet HTML 6Page - Analog Devices AD7864_15 Datasheet HTML 7Page - Analog Devices AD7864_15 Datasheet HTML 8Page - Analog Devices AD7864_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7864
Rev. D | Page 3 of 28
SPECIFICATIONS
VDD = 5 V ± 5%, AGND = DGND = 0 V, VREF = internal, clock = internal; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
A Version1
B Version
Unit
Test Conditions/Comments
SAMPLE AND HOLD
−3 dB Full Power Bandwidth
3
3
MHz typ
Aperture Delay
20
20
ns max
Aperture Jitter
50
50
ps max
Aperture Delay Matching
4
4
ns max
DYNAMIC PERFORMANCE2
fIN = 100.0 kHz, fS = 500 kSPS
Signal-to-(Noise + Distortion) Ratio3
@ 25°C
70
72
dB min
TMIN to TMAX
70
70
dB min
Total Harmonic Distortion3
−80
−80
dB max
Peak Harmonic or Spurious Noise3
−80
−80
dB max
Intermodulation Distortion3
fa = 49 kHz, fb = 50 kHz
Second-Order Terms
−80
−80
dB typ
Third-Order Terms
−80
−80
dB typ
Channel-to-Channel Isolation3
−80
−80
dB max
fIN = 50 kHz sine wave
DC ACCURACY
Any channel
Resolution
12
12
Bits
Relative Accuracy3
±1
±1/2
LSB max
Differential Nonlinearity3
±0.9
±0.9
LSB max
No missing codes
AD7864-1
Positive Gain Error3
±3
±3
LSB max
Positive Gain Error Match3
+3
±3
LSB max
Negative Gain Error3
±3
±3
LSB max
Negative Gain Error Match3
+3
±3
LSB max
Bipolar Zero Error
±4
±3
LSB max
Bipolar Zero Error Match
+2
±2
LSB max
AD7864-3
Positive Gain Error3
±3
LSB max
Positive Gain Error Match3
2
LSB max
Negative Gain Error3
±3
LSB max
Negative Gain Error Match3
2
LSB max
Bipolar Zero Error
±3
LSB max
Bipolar Zero Error Match
2
LSB max
AD7864-2
Positive Gain Error3
±3
LSB max
Positive Gain Error Match3
3
LSB max
Unipolar Offset Error
±3
LSB max
Unipolar Offset Error Match
2
LSB max
ANALOG INPUTS
AD7864-1
Input Voltage Range
±5, ±10
±5, ±10
V
Input Resistance
9, 18
9, 18
kΩ min
AD7864-3
Input Voltage Range
±2.5
±2.5
V
Input Resistance
4.5
4.5
kΩ min


Similar Part No. - AD7864_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864 AD-AD7864_17 Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
More results

Similar Description - AD7864_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864 AD-AD7864 Datasheet
214Kb / 19P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. A
AD7864 AD-AD7864_17 Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
AD7864 AD-AD7864_09 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com