Electronic Components Datasheet Search |
|
AD7873 Datasheet(PDF) 5 Page - Analog Devices |
|
AD7873 Datasheet(HTML) 5 Page - Analog Devices |
5 / 29 page AD7873 Data Sheet Rev. F | Page 4 of 28 Parameter AD7873A1 AD7873B1 Unit Test Conditions/Comments LOGIC OUTPUTS Output High Voltage, VOH VCC – 0.2 VCC – 0.2 V min ISOURCE = 250 µA; VCC = 2.2 V to 5.25 V Output Low Voltage, VOL 0.4 0.4 V max ISINK = 250 µA PENIRQ Output Low Voltage, VOL 0.4 0.4 V max 100 kΩ pull-up; ISINK = 250 µA Floating-State Leakage Current ±10 ±10 µA max Floating-State Output Capacitance5 10 10 pF max Output Coding Straight (Natural) Binary CONVERSION RATE Conversion Time 12 12 DCLK cycles max Track-and-Hold Acquisition Time 3 3 DCLK cycles min Throughput Rate 125 125 kSPS max POWER REQUIREMENTS +VCC (Specified Performance) 2.7/3.6 2.7/3.6 V min/max Functional from 2.2 V to 5.25 V ICC6 Digital I/Ps = 0 V or VCC Normal Mode (fSAMPLE = 125 kSPS) 380 380 µA max Internal reference off, VCC = 3.6 V, 240 µA typ 670 670 µA typ Internal reference on, VCC = 3.6 V Normal Mode (fSAMPLE = 12.5 kSPS) 170 170 µA typ Internal reference off, VCC = 2.7 V, fDCLK = 200 kHz Normal Mode (Static) 150 150 µA typ Internal reference off, VCC = 3.6 V 580 580 µA typ Internal reference on, VCC = 3.6 V Shutdown Mode (Static) 1 1 µA max 200 nA typ Power Dissipation6 Normal Mode (fSAMPLE = 125 kSPS) 1.368 1.368 mW max Internal reference off, VCC = 3.6 V 2.412 2.412 mW typ Internal reference on, VCC = 3.6 V Shutdown 3.6 3.6 µW max VCC = 3.6 V 1 Temperature range as follows: A, B Versions: –40°C to +85°C. 2 See the Terminology section. 3 Difference between TEMP0 and TEMP1 measurement. No calibration necessary. 4 Temperature drift is –2.1 mV/°C. 5 Sample tested @ 25°C to ensure compliance. 6 See the Power vs. Throughput Rate section. |
Similar Part No. - AD7873_15 |
|
Similar Description - AD7873_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |