Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7891YS-1 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7891YS-1
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891YS-1 Datasheet(HTML) 4 Page - Analog Devices

  AD7891YS-1 Datasheet HTML 1Page - Analog Devices AD7891YS-1 Datasheet HTML 2Page - Analog Devices AD7891YS-1 Datasheet HTML 3Page - Analog Devices AD7891YS-1 Datasheet HTML 4Page - Analog Devices AD7891YS-1 Datasheet HTML 5Page - Analog Devices AD7891YS-1 Datasheet HTML 6Page - Analog Devices AD7891YS-1 Datasheet HTML 7Page - Analog Devices AD7891YS-1 Datasheet HTML 8Page - Analog Devices AD7891YS-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7891
–4–
REV. D
TIMING CHARACTERISTICS1, 2
Parameter
A, B, Y Versions
Unit
Test Conditions/Comments
tCONV
1.6
ms max
Conversion Time
Parallel Interface
t1
0
ns min
CS to RD/WR Setup Time
t2
35
ns min
Write Pulse Width
t3
25
ns min
Data Valid to Write Setup Time
t4
5
ns min
Data Valid to Write Hold Time
t5
0
ns min
CS to RD/WR Hold Time
t6
35
ns min
CONVST Pulse Width
t7
55
ns min
EOC Pulse Width
t8
35
ns min
Read Pulse Width
t9
3
25
ns min
Data Access Time after Falling Edge of
RD
t10
4
5
ns min
Bus Relinquish Time after Rising Edge of
RD
30
ns max
Serial Interface
t11
30
ns min
RFS Low to SCLK Falling Edge Setup Time
t12
3
20
ns max
RFS Low to Data Valid Delay
t13
25
ns min
SCLK High Pulse Width
t14
25
ns min
SCLK Low Pulse Width
t15
3
5
ns min
SCLK Rising Edge to Data Valid Hold Time
t16
3
15
ns max
SCLK Rising Edge to Data Valid Delay
t17
20
ns min
RFS to SCLK Falling Edge Hold Time
t18
4
0
ns min
Bus Relinquish Time after Rising Edge of
RFS
30
ns max
t18A
4
0
ns min
Bus Relinquish Time after Rising Edge of SCLK
30
ns max
t19
20
ns min
TFS Low to SCLK Falling Edge Setup Time
t20
15
ns min
Data Valid to SCLK Falling Edge Setup Time
t21
10
ns min
Data Valid to SCLK Falling Edge Hold Time
t22
30
ns min
TFS Low to SCLK Falling Edge Hold Time
NOTES
1Sample tested during initial release and after any redesign or process change that may affect this parameter. All input signals are measured with tr = tf = 1 ns (10% to
90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 2, 3, and 4.
3Measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V.
4These times are derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
Specifications subject to change without notice.
1.6mA
200 A
1.6V
TO
OUTPUT
PIN
50pF
Figure 1. Load Circuit for Access Time and Bus Relinquish Time


Similar Part No. - AD7891YS-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7891YS-1 AD-AD7891YS-1 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YS-1 AD-AD7891YS-1 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891YS-1 AD-AD7891YS-1 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891YS-1 AD-AD7891YS-1 Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891YS-1 AD-AD7891YS-1 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
More results

Similar Description - AD7891YS-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891_04 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com