Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7891YP-1 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7891YP-1
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891YP-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7891YP-1 Datasheet HTML 2Page - Analog Devices AD7891YP-1 Datasheet HTML 3Page - Analog Devices AD7891YP-1 Datasheet HTML 4Page - Analog Devices AD7891YP-1 Datasheet HTML 5Page - Analog Devices AD7891YP-1 Datasheet HTML 6Page - Analog Devices AD7891YP-1 Datasheet HTML 7Page - Analog Devices AD7891YP-1 Datasheet HTML 8Page - Analog Devices AD7891YP-1 Datasheet HTML 9Page - Analog Devices AD7891YP-1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7891
–6–
REV. D
PIN FUNCTION DESCRIPTIONS
PLCC
MQFP
Pin No. Pin No.
Mnemonic
Description
1–528–43
VINXA, VINXB
Analog Input Channels. The AD7891 contains eight pairs of analog input channels. Each
34–44
channel contains two input pins to allow a number of different input ranges to be used
with the AD7891. There are two possible input voltage ranges on the AD7891-1. The
±5V input range is selected by connecting the input voltage to both VINXA and VINXB,
while the
±10 V input range is selected by applying the input voltage to VINXA and con-
necting VINXB to AGND. The AD7891-2 has three possible input ranges. The 0 V to
2.5 V input range is selected by connecting the analog input voltage to both VINXA and VINXB; the
0V to 5 V input range is selected by applying the input voltage to VINXA and connecting
VINXB to AGND while the
±2.5 V input range is selected by connecting the analog input
voltage to VINXA and connecting VINXB to REF IN (provided this REF IN voltage comes
from a low impedance source). The channel to be converted is selected by the A2, A1,
and A0 bits of the control register. In the parallel interface mode, these bits are available as
three data input lines (DB3 to DB5) in a parallel write operation. While in the serial inter-
face mode, these three bits are accessed via the DATA IN line in a serial write operation.
The multiplexer has guaranteed break-before-make operation.
10, 19
4, 13
VDD
Positive Supply Voltage, 5 V
± 5%.
11, 33
5, 27
AGND
Analog Ground. Ground reference for track/hold, comparator, and DAC.
20
14
DGND
Digital Ground. Ground reference for digital circuitry.
644
STANDBY
Standby Mode Input. TTL compatible input used to put the device into the power
save or standby mode. The
STANDBY input is high for normal operation and low for
standby operation.
93
REF OUT/REF IN
Voltage Reference Output/Input. The part can either be used with its own internal refer-
ence or with an external reference source. The on-chip 2.5 V reference voltage is pro-
vided at this pin. When using this internal reference as the reference source for the
part, REF OUT should be decoupled to REF GND with a 0.1
mF disc ceramic capaci-
tor. The output impedance of the reference source is typically 2 k
W. When using an
external reference source as the reference voltage for the part, the reference source
should be connected to this pin. This overdrives the internal reference and provides the
reference source for the part. The reference pin is buffered on-chip but must be able to
sink or source current through this 2 k
W resistor to the output of the on-chip reference.
The nominal reference voltage for correct operation of the AD7891 is 2.5 V.
71
REF GND
Reference Ground. Ground reference for the part’s on-chip reference buffer. The REF
OUT pin of the part should be decoupled with a 0.1
mF capacitor to this REF GND
pin. If the AD7891 is used with an external reference, the external reference should also
be decoupled to this pin. The REF GND pin should be connected to the AGND pin
or the system’s AGND plane.
30
24
CONVST
Convert Start. Edge-triggered logic input. A low-to-high transition on this input puts
the track/hold into hold and initiates conversion. When changing channels on the part,
sufficient time should be given for multiplexer settling and track/hold acquisition between
the channel change and the rising edge of
CONVST.
32
26
EOC
End-of-Conversion. Active low logic output indicating converter status. The end of con-
version is signified by a low-going pulse on this line. The duration of this
EOC pulse is
nominally 80 ns.
12
6
MODE
Interface Mode. Control input that determines the interface mode for the part. With this
pin at a logic low, the AD7891 is in its serial interface mode; with this pin at a logic high,
the device is in its parallel interface mode.


Similar Part No. - AD7891YP-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7891YP-1 AD-AD7891YP-1 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YP-1 AD-AD7891YP-1 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891YP-1 AD-AD7891YP-1 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891YP-1 AD-AD7891YP-1 Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891YP-1 AD-AD7891YP-1 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
More results

Similar Description - AD7891YP-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891_04 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com