Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4097BMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4097BMS
Description  CMOS Analog Multiplexers/Demultiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4097BMS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4097BMS Datasheet HTML 2Page - Intersil Corporation CD4097BMS Datasheet HTML 3Page - Intersil Corporation CD4097BMS Datasheet HTML 4Page - Intersil Corporation CD4097BMS Datasheet HTML 5Page - Intersil Corporation CD4097BMS Datasheet HTML 6Page - Intersil Corporation CD4097BMS Datasheet HTML 7Page - Intersil Corporation CD4097BMS Datasheet HTML 8Page - Intersil Corporation CD4097BMS Datasheet HTML 9Page - Intersil Corporation CD4097BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7-9
CD4067BMS, CD4097BMS
Typical Performance Characteristics
FIGURE 5. TYPICAL ON RESISTANCE vs INPUT SIGNAL
VOLTAGE (ALL TYPES)
FIGURE 6. TYPICAL ON RESISTANCE vs INPUT SIGNAL
VOLTAGE (ALL TYPES)
FIGURE 7. TYPICAL ON RESISTANCE vs INPUT SIGNAL
VOLTAGE (ALL TYPES)
FIGURE 8. TYPICAL ON RESISTANCE vs INPUT SIGNAL
VOLTAGE (ALL TYPES)
SUPPLY VOLTAGE (VDD - VSS) = 5V
AMBIENT TEMPERATURE
(TA) = +125
oC
-55oC
+25oC
600
500
400
300
200
100
0
-4
-3
-2
-1
01234
INPUT SIGNAL VOLTAGE (VIS) (V)
SUPPLY VOLTAGE (VDD - VSS) = 10V
AMBIENT TEMPERATURE
(TA) = +125
oC
-55oC
+25oC
300
250
200
150
100
50
0
-10.0 -7.5
-5.0
-2.5
0
2.5
5.0
7.5
10.0
INPUT SIGNAL VOLTAGE (VIS) (V)
SUPPLY VOLTAGE (VDD - VSS) = 5V
AMBIENT TEMPERATURE
(TA) = +25
oC
600
500
400
300
200
100
0
-10.0 -7.5
-5.0
-2.5
0
2.5
5.0
7.5
10.0
INPUT SIGNAL VOLTAGE (VIS) (V)
15V
10V
SUPPLY VOLTAGE (VDD - VSS) = 15V
AMBIENT TEMPERATURE
(TA) = +125
oC
300
250
200
150
100
50
0
-10.0 -7.5
-5.0
-2.5
0
2.5
5.0
7.5
10.0
INPUT SIGNAL VOLTAGE (VIS) (V)
-55oC
+25oC


Similar Part No. - CD4097BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4097BM TI-CD4097BM Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4097BM TI-CD4097BM Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
CD4097BM TI1-CD4097BM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4097BM96 TI-CD4097BM96 Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4097BME4 TI-CD4097BME4 Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
More results

Similar Description - CD4097BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com