Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX3812M345 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX3812M345
Description  Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3812M345 Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX3812M345 Datasheet HTML 1Page - Finisar Corporation. FTLX3812M345 Datasheet HTML 2Page - Finisar Corporation. FTLX3812M345 Datasheet HTML 3Page - Finisar Corporation. FTLX3812M345 Datasheet HTML 4Page - Finisar Corporation. FTLX3812M345 Datasheet HTML 5Page - Finisar Corporation. FTLX3812M345 Datasheet HTML 6Page - Finisar Corporation. FTLX3812M345 Datasheet HTML 7Page - Finisar Corporation. FTLX3812M345 Datasheet HTML 8Page - Finisar Corporation. FTLX3812M345 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FTLX3812M3xx Amplified DWDM XFP Product Specification – January 2011
F i n i s a r
© Finisar Corporation 11-January-2011
Rev C1
Page 4
Diagram of Host Board Connector Block Pin Numbers and Names
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage #1
Vcc3
-0.5
4.0
V
Maximum Supply Voltage #2
Vcc5
-0.5
6.0
V
Maximum Supply Voltage #3
Vcc5
-0.5
2.0
V
Storage Temperature
TS
-40
85
°C
Case Operating Temperature
TOP
-5
70
°C
Receiver Damage Threshold
PRdmg
+1
dBm


Similar Part No. - FTLX3812M345

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3812M345 FINISAR-FTLX3812M345 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results

Similar Description - FTLX3812M345

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTRX-3812S317 FINISAR-FTRX-3812S317 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com