Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX3813M345 Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTLX3813M345
Description  Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3813M345 Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FTLX3813M345 Datasheet HTML 3Page - Finisar Corporation. FTLX3813M345 Datasheet HTML 4Page - Finisar Corporation. FTLX3813M345 Datasheet HTML 5Page - Finisar Corporation. FTLX3813M345 Datasheet HTML 6Page - Finisar Corporation. FTLX3813M345 Datasheet HTML 7Page - Finisar Corporation. FTLX3813M345 Datasheet HTML 8Page - Finisar Corporation. FTLX3813M345 Datasheet HTML 9Page - Finisar Corporation. FTLX3813M345 Datasheet HTML 10Page - Finisar Corporation. FTLX3813M345 Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FTLX3813M3xx DWDM XFP Product Specification – March 2013
F i n i s a r
© Finisar Corporation 19-March-2013
Rev. D1
Page 7
IV.
Optical Characteristics (EOL, TOP = 0 to 70°C, VCC5 = 4.75 to 5.25 Volts)
Transmitter
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Output Opt. Pwr: 9/125 SMF
POUT
-1
+3
dBm
Optical Extinction Ratio
ER
8.2
dB
Center Wavelength Spacing
100
GHz
1
Transmitter Center Wavelength –
End Of Life
λc
X-100
X
X+100
pm
2
Transmitter Center Wavelength –
Beginning Of Life
λc
X-25
X
X+25
pm
2
Sidemode Suppression ratio
SSRmin
30
dB
Tx Jitter (SONET) 20kHz-80MHz
Txj1
0.3
UI
Tx Jitter (SONET) 4MHz-80MHz
Txj2
0.1
UI
Relative Intensity Noise
RIN
-130
dB/Hz
Receiver
Maximum Input Power
PMAX
-7
dBm
Optical Center Wavelength
λ
C
1260
1600
nm
Receiver Reflectance
Rrx
-27
dB
LOS De-Assert
LOSD
-30
dBm
LOS Assert
LOSA
-37
dBm
LOS Hysteresis
0.5
dB
Receiver Sensitivity (FTLX3813M3xx & FTLX3813M3xxP)
3
Data rate
(Gb/s)
BER
Dispersion (ps/nm)
Sensitivity back-to-
back at OSNR>30dB
(dBm)
Power Penalty
at OSNR>30dB
(dB)
Threshold
Adjust.
Required
8.5
1e-12
-500 to 1450
-24
3
No
9.95
1e-12
-500 to 1450
-24
3
No
10.3
1e-12
-500 to 1450
-24
3
No
10.7
1e-4
-500 to 1300
-27
3
Yes
11.1
1e-4
-500 to 1300
-27
3
Yes
11.3
1e-4
-500 to 1100
-27
3
Yes
OSNR Performance (FTLX3813M3xx ONLY)
4
Data rate
(Gb/s)
BER
Dispersion (ps/nm)
Max OSNR w/ dispersion at Power:
-7 to -18dBm (dB)
Threshold
Adjust.
Required
8.5
1e-12
-500 to 1450
28
No
9.95
1e-12
-500 to 1450
28
No
10.3
1e-12
-500 to 1450
28
No
10.7
1e-4
-500 to 1300
22
Yes
11.1
1e-4
-500 to 1300
22
Yes
11.3
1e-4
-500 to 1100
22
Yes
Notes:
1.
Corresponds to approximately 0.8 nm.
2.
X = Specified ITU Grid wavelength. Wavelength stability is achieved within 10 seconds of power up.
3.
Measured at 1528-1600nm with worst ER; BER<10
-12; PRBS31.
4.
All OSNR measurements are performed with 0.1nm resolution over specific Rx_power range


Similar Part No. - FTLX3813M345

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M318 FINISAR-FTLX3811M318 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M318 FINISAR-FTLX3811M318 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3813M345

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com