Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX3912M345 Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTLX3912M345
Description  High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3912M345 Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FTLX3912M345 Datasheet HTML 3Page - Finisar Corporation. FTLX3912M345 Datasheet HTML 4Page - Finisar Corporation. FTLX3912M345 Datasheet HTML 5Page - Finisar Corporation. FTLX3912M345 Datasheet HTML 6Page - Finisar Corporation. FTLX3912M345 Datasheet HTML 7Page - Finisar Corporation. FTLX3912M345 Datasheet HTML 8Page - Finisar Corporation. FTLX3912M345 Datasheet HTML 9Page - Finisar Corporation. FTLX3912M345 Datasheet HTML 10Page - Finisar Corporation. FTLX3912M345 Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FTLX3912M3xx High Link Budget, DWDM XFP – Product Specification
F i n i s a r
 Finisar Corporation September 18, 2013
Rev C4
Page 7
IV.
Optical Characteristics (TOP = 0 to 70C, VCC5 = 4.75 to 5.25 Volts)
Please note that the Transmitter of the FTLX3912M3xx becomes operational within 5 seconds of power-
up. This is due to the time required for the EML to reach its optimum operating temperature.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Pwr: 9/125 SMF
POUT
-1
+3
dBm
Optical Extinction Ratio
ER
8.2
dB
Center Wavelength Spacing
100
GHz
Transmitter Center Wavelength – End
Of Life
c
X-100
X
X+100
pm
Transmitter Center Wavelength –
Beginning Of Life
c
X-25
X
X+25
pm
Transmitter Dispersion Penalty
(@ 800 ps/nm)
TDP
2
dB
1
Sidemode Supression ratio
SSRmin
30
dB
Tx Jitter (SONET) 20kHz-80MHz
Txj1
0.3
UI
Tx Jitter (SONET) 4MHz – 80MHz
Txj2
0.1
UI
Relative Intensity Noise
RIN
-130
dB/Hz
Receiver
Maximum Input Power
PMAX
-7
dBm
Rx Damage Threshold
PDAM
+5
dBm
Optical Center Wavelength
C
1270
1600
nm
Receiver Reflectance
Rrx
-27
dB
LOS De-Assert
LOSD
-30
dBm
LOS Assert
LOSA
-37
dBm
LOS Hysteresis
0.5
dB
Receiver Sensitivity (FTLX3912M3xx & FTLX3912M3xxP)
Data rate
(Gb/s)
BER
Dispersion (ps/nm)
Sensitivity back-to-
back at OSNR>30dB
(dBm)
Sensitivity at -300 to
+800ps/nm with
OSNR>30dB
(dB)
Threshold
Adjustm.
8.5
1e-12
-300 to +800
-24
-22
No
9.95
1e-12
-300 to +800
-24
-22
No
10.3
1e-12
-300 to +800
-24
-22
No
10.7
1e-12
-300 to +800
-24
-21
No
10.7
1e-4
-300 to +800
-27
-24
Yes
11.1
1e-4
-300 to +800
-27
-23
Yes
11.3
1e-4
-300 to +800
-27
-23
Yes
OSNR Performance (FTLX3912M3xx ONLY)
Data rate
(Gb/s)
BER
Dispersion (ps/nm)
Max OSNR, -300 ps/nm to +800 ps/nm at
Power: -9 to -19dBm (dB)
Threshold
Adjustm.
9.95
1e-12
-300 to +800
26
No
10.3
1e-12
-300 to +800
26
No
10.7
1e-4
-300 to +800
19
Yes
11.1
1e-4
-300 to +800
19
Yes
11.3
1e-4
-300 to +800
19
Yes
Notes:
1.
2dB spec is defined for 9.95Gb/s operation


Similar Part No. - FTLX3912M345

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M318 FINISAR-FTLX3611M318 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M318 FINISAR-FTLX3611M318 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3912M345

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
logo
Finisar Corporation.
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com