Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX3912M357 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLX3912M357
Description  High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3912M357 Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLX3912M357 Datasheet HTML 1Page - Finisar Corporation. FTLX3912M357 Datasheet HTML 2Page - Finisar Corporation. FTLX3912M357 Datasheet HTML 3Page - Finisar Corporation. FTLX3912M357 Datasheet HTML 4Page - Finisar Corporation. FTLX3912M357 Datasheet HTML 5Page - Finisar Corporation. FTLX3912M357 Datasheet HTML 6Page - Finisar Corporation. FTLX3912M357 Datasheet HTML 7Page - Finisar Corporation. FTLX3912M357 Datasheet HTML 8Page - Finisar Corporation. FTLX3912M357 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FTLX3912M3xx High Link Budget, DWDM XFP – Product Specification
F i n i s a r
 Finisar Corporation September 18, 2013
Rev C4
Page 2
Part Numbers for Amplified (OSNR) Applications:
Channel #
Product Code
Frequency (THz)
Center Wavelength (nm)
17
FTLX3912M317
191.7
1563.86
18
FTLX3912M318
191.8
1563.05
19
FTLX3912M319
191.9
1562.23
20
FTLX3912M320
192.0
1561.42
21
FTLX3912M321
192.1
1560.61
22
FTLX3912M322
192.2
1559.79
23
FTLX3912M323
192.3
1558.98
24
FTLX3912M324
192.4
1558.17
25
FTLX3912M325
192.5
1557.36
26
FTLX3912M326
192.6
1556.55
27
FTLX3912M327
192.7
1555.75
28
FTLX3912M328
192.8
1554.94
29
FTLX3912M329
192.9
1554.13
30
FTLX3912M330
193.0
1553.33
31
FTLX3912M331
193.1
1552.52
32
FTLX3912M332
193.2
1551.72
33
FTLX3912M333
193.3
1550.92
34
FTLX3912M334
193.4
1550.12
35
FTLX3912M335
193.5
1549.32
36
FTLX3912M336
193.6
1548.51
37
FTLX3912M337
193.7
1547.72
38
FTLX3912M338
193.8
1546.92
39
FTLX3912M339
193.9
1546.12
40
FTLX3912M340
194.0
1545.32
41
FTLX3912M341
194.1
1544.53
42
FTLX3912M342
194.2
1543.73
43
FTLX3912M343
194.3
1542.94
44
FTLX3912M344
194.4
1542.14
45
FTLX3912M345
194.5
1541.35
46
FTLX3912M346
194.6
1540.56
47
FTLX3912M347
194.7
1539.77
48
FTLX3912M348
194.8
1538.98
49
FTLX3912M349
194.9
1538.19
50
FTLX3912M350
195.0
1537.40
51
FTLX3912M351
195.1
1536.61
52
FTLX3912M352
195.2
1535.82
53
FTLX3912M353
195.3
1535.04
54
FTLX3912M354
195.4
1534.25
55
FTLX3912M355
195.5
1533.47
56
FTLX3912M356
195.6
1532.68
57
FTLX3912M357
195.7
1531.90
58
FTLX3912M358
195.8
1531.12
59
FTLX3912M359
195.9
1530.33
60
FTLX3912M360
196.0
1529.55
61
FTLX3912M360
196.0
1528.77


Similar Part No. - FTLX3912M357

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M318 FINISAR-FTLX3611M318 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M318 FINISAR-FTLX3611M318 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3912M357

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
logo
Finisar Corporation.
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com