Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4502BMS Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD4502BMS
Description  CMOS Strobed Hex Inverter/Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4502BMS Datasheet(HTML) 3 Page - Intersil Corporation

  CD4502BMS Datasheet HTML 1Page - Intersil Corporation CD4502BMS Datasheet HTML 2Page - Intersil Corporation CD4502BMS Datasheet HTML 3Page - Intersil Corporation CD4502BMS Datasheet HTML 4Page - Intersil Corporation CD4502BMS Datasheet HTML 5Page - Intersil Corporation CD4502BMS Datasheet HTML 6Page - Intersil Corporation CD4502BMS Datasheet HTML 7Page - Intersil Corporation CD4502BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7-475
Specifications CD4502BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Data or Inhibit to Output
TPHL1
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
270
ns
10, 11
+125oC, -55oC
-
365
ns
Propagation Delay
Data or Inhibit to Output
TPLH1
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
380
ns
10, 11
+125oC, -55oC
-
513
ns
Propagation Delay
Inhibit to Output
TPHL2
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
270
ns
10, 11
+125oC, -55oC
-
365
ns
Propagation Delay
Inhibit to Output
TPLH2
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
380
ns
10, 11
+125oC, -55oC
-
513
ns
Propagation Delay
Disable to Output
TPHZ
VDD = 5V, VIN = VDD or GND
(Note 2, 3)
9
+25oC
-
120
ns
10, 11
+125oC, -55oC
-
162
ns
Propagation Delay
Disable to Output
TPZH
VDD = 5V, VIN = VDD or GND
(Note 2, 3)
9
+25oC
-
220
ns
10, 11
+125oC, -55oC
-
297
ns
Propagation Delay
Disable to Output
TPLZ
VDD = 5V, VIN = VDD or GND
(Note 2, 3)
9
+25oC
-
250
ns
10, 11
+125oC, -55oC
-
338
ns
Propagation Delay
Disable to Output
TPZL
VDD = 5V, VIN = VDD or GND
(Note 2, 3)
9
+25oC
-
250
ns
10, 11
+125oC, -55oC
-
338
ns
Transition Time
TTHL
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
120
ns
10, 11
+125oC, -55oC
-
162
ns
Transition Time
TTLH
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
200
ns
10, 11
+125oC, -55oC
-
270
ns
NOTES:
1. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
3. VDD = 5V, CL = 50pF, RL = 1K, Input TR, TF < 20ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
1
µA
+125oC-
30
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
2
µA
+125oC-
60
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
2
µA
+125oC
-
120
µA
Output Voltage
VOL
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOL
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOH
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
4.95
-
V
Output Voltage
VOH
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
9.95
-
V
Output Current (Sink)
IOL5
VDD = 5V, VOUT = 0.4V
1, 2
+125oC
2.16
-
mA
-55oC
3.84
-
mA


Similar Part No. - CD4502BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4502BM TI-CD4502BM Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502BM TI1-CD4502BM Datasheet
1Mb / 15P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502BM96 TI-CD4502BM96 Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502BM96 TI1-CD4502BM96 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502BME4 TI-CD4502BME4 Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
More results

Similar Description - CD4502BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502B TI1-CD4502B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
   Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
   STROBED HEX INVERTER/BUFFER
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
   STROBED HEX INVERTER/BUFFER
logo
Hitachi Semiconductor
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
   Strobed Hex Inverter/Buffer
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com