Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD10M440L Datasheet(PDF) 1 Page - National Instruments Corporation

Part # PD10M440L
Description  70A 450節?00V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PD10M440L Datasheet(HTML) 1 Page - National Instruments Corporation

  PD10M440L_15 Datasheet HTML 1Page - National Instruments Corporation PD10M440L_15 Datasheet HTML 2Page - National Instruments Corporation PD10M440L_15 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
MOSFET
MOSFET
MOSFET
MOSFET
70A
70A
70A
70A 450
450
450
450~
500V
500V
500V
500V
PD10M441L
PD10M440L
P2H10M441L
P2H10M440L
耐 圧・クラス
Grade
Rating
記 号
Symbol
PD10M441L/P2H10M441L PD10M440L/P2H10M440L
単位
Unit
450
500
ドレイン・ソース間電圧
Drain-Source Voltage
VDSS
VGS=0V
V
ゲート・ソース間電圧
Gate-Source Voltage
VGSS
±20
V
Duty=50%
70(Tc=25℃)
ドレイン電流(連続)
Continuous Drain Current
D.C.
ID
50(Tc=25℃)
A
パルスドレイン電流
Pulsed Drain Current
IDM
140(Tc=25℃)
A
全損失
Total Power Dissipation
PD
500(Tc=25℃)
W
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125℃
2000
絶縁耐圧
RMS Isolation Voltage
Viso
端子 - ベース間,AC1 分間 Terminals to Base, AC 1 min .
V
3.0(本体取付 Module Base to Heat sink)
締付トルク
Mounting Torque
Ftor
2.0(ネジ端子部 Bus bar to Main Terminals)
N・m
PD10M441L/440L
PD10M441L/440L
PD10M441L/440L
PD10M441L/440L
P2H10M441L/440L
P2H10M441L/440L
P2H10M441L/440L
P2H10M441L/440L
質量 Approximate Weight :220g
質量 Approximate Weight :220g
最大定格
最大定格
最大定格
最大定格
Maximum Ratings
108.0
108.0


Similar Part No. - PD10M440L_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD10M440L NIEC-PD10M440L_1 Datasheet
117Kb / 3P
   70A 450~500V
More results

Similar Description - PD10M440L_15

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PD10M440H NI-PD10M440H_15 Datasheet
123Kb / 3P
   85A 450節?00V
PD7M440L NI-PD7M440L_15 Datasheet
121Kb / 3P
   50A 450節?00V
PD4M440L NI-PD4M440L_15 Datasheet
119Kb / 3P
   30A 450節?00V
PD7M440H NI-PD7M440H_15 Datasheet
114Kb / 3P
   50A 450節?00V
PD4M440H NI-PD4M440H_15 Datasheet
117Kb / 3P
   30A 450節?00V
logo
Nihon Inter Electronics...
PD10M440L NIEC-PD10M440L_1 Datasheet
117Kb / 3P
   70A 450~500V
logo
Laird Tech Smart Techno...
CMD69273 LSTD-CMD69273 Datasheet
2Mb / 3P
   698節?60 MHz/1710節?700 MHz 2
logo
Shenzhen Titan Micro El...
DMX512 TITAN-DMX512 Datasheet
157Kb / 2P
   DC 12節?4V
logo
Source Photonics, Inc.
FTM-8012S-GG SOURCE-FTM-8012S-GG Datasheet
383Kb / 8P
   1.0625節?.25Gbps GBIC Transceiver
FTM-3012S-GG SOURCE-FTM-3012S-GG Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com