Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4504BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4504BMS
Description  CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4504BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4504BMS Datasheet HTML 1Page - Intersil Corporation CD4504BMS Datasheet HTML 2Page - Intersil Corporation CD4504BMS Datasheet HTML 3Page - Intersil Corporation CD4504BMS Datasheet HTML 4Page - Intersil Corporation CD4504BMS Datasheet HTML 5Page - Intersil Corporation CD4504BMS Datasheet HTML 6Page - Intersil Corporation CD4504BMS Datasheet HTML 7Page - Intersil Corporation CD4504BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-1140
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4504BMS
CMOS Hex Voltage Level Shifter for
TTL-to-CMOS or CMOS-to-CMOS Operation
Features
• High Voltage Type (20V Rating)
• Independence of Power Supply Sequence Consider-
ations
- VCC can Exceed VDD
- Input Signals can Exceed Both VCC and VDD
• Up and Down Level Shifting Capability
• Shiftable Input Threshold for Either CMOS or TTL
Compatibility
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Description
CD4504BMS hex voltage level shifter consists of six circuits
which shift input signals from the VCC logic level to the VDD
logic level. To shift TTL signals to CMOS logic levels, the
SELECT input is at the VCC HIGH logic state. When the
SELECT input is at a LOW logic state, each circuit translates
signals from one CMOS level to another.
The CD4504BMS is supplied in these 16-lead outline packages:
Frit Seal DIP
H1F
Ceramic Flatpack
H6W
December 1992
File Number
3336
Pinout
CD4504BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
AOUT
AIN
BOUT
BIN
COUT
VSS
CIN
VDD
FIN
SELECT
EOUT
EIN
DOUT
DIN
FOUT
TTL/CMOS
MODE SELECT
LEVEL
SHIFTER
OUT
(2, 4, 6, 10, 12, 15)
(3, 5, 7, 9, 11, 14)
* IN
*
13
SELECT
VCC = PIN 1
VDD = PIN 16
VSS = PIN 8
VDD
VSS
* ALL INPUTS ARE PROTECTED
BY CMOS PROTECTION
NETWORK
VCC
VDD


Similar Part No. - CD4504BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4504BM TI1-CD4504BM Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
CD4504BM TI1-CD4504BM Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
CD4504BM96 TI1-CD4504BM96 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
CD4504BM96 TI1-CD4504BM96 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
CD4504BM96E4 TI1-CD4504BM96E4 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
More results

Similar Description - CD4504BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com