Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4517 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4517
Description  CMOS Dual 64-Stage Static Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4517 Datasheet(HTML) 6 Page - Intersil Corporation

  CD4517 Datasheet HTML 1Page - Intersil Corporation CD4517 Datasheet HTML 2Page - Intersil Corporation CD4517 Datasheet HTML 3Page - Intersil Corporation CD4517 Datasheet HTML 4Page - Intersil Corporation CD4517 Datasheet HTML 5Page - Intersil Corporation CD4517 Datasheet HTML 6Page - Intersil Corporation CD4517 Datasheet HTML 7Page - Intersil Corporation CD4517 Datasheet HTML 8Page - Intersil Corporation CD4517 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7-1202
Specifications CD4517BMS
Logic Diagram
FIGURE 1. LOGIC BLOCK DIAGRAM
Irradiation
(Note 2)
1, 2, 5, 6, 10, 11,
14, 15
8
3, 4, 7, 9, 12, 13,
16
NOTES:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD
= 10V
± 0.5V
TRUTH TABLE
CLOCK
WRITE ENABLE
DATA
STAGE 16 TAP
STAGE 32 TAP
STAGE 48 TAP
STAGE 64 TAP
0
0
X
Q16
Q32
Q48
Q64
0
1
X
ZZZZ
1
0
X
Q16
Q32
Q48
Q64
1
1
X
ZZZZ
0
DI In
Q16
Q32
Q48
Q64
1
DI In
D17 In
D33 In
D49 In
Z
0
X
Q16
Q32
Q48
Q64
1
X
ZZZZ
1 = HIGH LEVEL
0 = LOW LEVEL
X = DON’T CARE
Z = HIGH IMPEDANCE
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS (Continued)
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
VDD
VSS
VSS
VDD
WE
WE
p
n
WE
WE
WE
*
* All inputs protected by CMOS protection network.
VDD
VSS
WE
WE
WE
WE
p
n
D
*
CL
*
CL
CL
D
Q
16
CL
CL
DQ
15
CL
CL
DQ
17
CL
CL
DQ
31
Q16
*
CL
CL
DQ
2
CL
CL
DQ
1
CL
CL
DQ
49
CL
CL
DQ
63
CL
CL
DQ
33
CL
CL
DQ
47
CL
CL
D
Q
64
SAME AS
STAGES
16, 32, 48
EXCEPT
FOR Q
*
WE
WE
Q64
*
CL
CL
D
Q
48
SAME AS
STAGES
16 & 32
WE
WE
Q48
*
CL
CL
D
Q
32
SAME AS
STAGES
16
WE
WE
Q32
*
Q32
*
Q48
*


Similar Part No. - CD4517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4517 TI-CD4517 Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
CD4517B TI-CD4517B Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
CD4517B TI1-CD4517B Datasheet
414Kb / 9P
[Old version datasheet]   Cmos Dual 64-stage Static Shift Register
CD4517B-MIL TI1-CD4517B-MIL Datasheet
414Kb / 9P
[Old version datasheet]   Cmos Dual 64-stage Static Shift Register
CD4517BE TI-CD4517BE Datasheet
1Mb / 14P
[Old version datasheet]   3-state parallel outputs for connection to common bus
More results

Similar Description - CD4517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4517B TI-CD4517B Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
CD4517BF3A TI1-CD4517BF3A Datasheet
396Kb / 9P
[Old version datasheet]   CMOS Dual 64-Stage Static Shift Register
CD4517B TI1-CD4517B_09 Datasheet
414Kb / 9P
[Old version datasheet]   Cmos Dual 64-stage Static Shift Register
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
   CMOS 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS 64-STAGE STATIC SHIFT REGISTER
logo
STMicroelectronics
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
   DUAL 64-STAGE STATIC SHIFT REGISTER
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
   DUAL 64 STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
   64-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
   64-stage static shift register
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com