Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4517 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD4517
Description  CMOS Dual 64-Stage Static Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4517 Datasheet(HTML) 3 Page - Intersil Corporation

  CD4517 Datasheet HTML 1Page - Intersil Corporation CD4517 Datasheet HTML 2Page - Intersil Corporation CD4517 Datasheet HTML 3Page - Intersil Corporation CD4517 Datasheet HTML 4Page - Intersil Corporation CD4517 Datasheet HTML 5Page - Intersil Corporation CD4517 Datasheet HTML 6Page - Intersil Corporation CD4517 Datasheet HTML 7Page - Intersil Corporation CD4517 Datasheet HTML 8Page - Intersil Corporation CD4517 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
7-1199
Specifications CD4517BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (Note 1, 2)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Clock to 16
TPHL
TPLH
VDD = 5V, VIN = VDD or GND
9
+25oC
-
400
ns
10, 11
+125oC, -55oC
-
540
ns
Transition Time
TTHL
TTLH
VDD = 5V, VIN = VDD or GND
9
+25oC
-
200
ns
10, 11
+125oC, -55oC
-
270
ns
Maximum Clock Input
Frequency
FCL
VDD = 5V, VIN = VDD or GND
9
+25oC
3
-
MHz
10, 11
+125oC, -55oC
2.22
-
MHz
NOTES:
1. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
5
µA
+125oC
-
150
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
300
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
600
µA
Output Voltage
VOL
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOL
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOH
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
4.95
-
V
Output Voltage
VOH
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
9.95
-
V
Output Current (Sink)
IOL5
VDD = 5V, VOUT = 0.4V
1, 2
+125oC
0.36
-
mA
-55oC
0.64
-
mA
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1, 2
+125oC
0.9
-
mA
-55oC
1.6
-
mA
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1, 2
+125oC
2.4
-
mA
-55oC
4.2
-
mA
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1, 2
+125oC
-
-0.36
mA
-55oC
-
-0.64
mA
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
+125oC
-
-1.15
mA
-55oC
-
-2.0
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
+125oC
-
-0.9
mA
-55oC
-
-1.6
mA
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
+7
-
V


Similar Part No. - CD4517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4517 TI-CD4517 Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
CD4517B TI-CD4517B Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
CD4517B TI1-CD4517B Datasheet
414Kb / 9P
[Old version datasheet]   Cmos Dual 64-stage Static Shift Register
CD4517B-MIL TI1-CD4517B-MIL Datasheet
414Kb / 9P
[Old version datasheet]   Cmos Dual 64-stage Static Shift Register
CD4517BE TI-CD4517BE Datasheet
1Mb / 14P
[Old version datasheet]   3-state parallel outputs for connection to common bus
More results

Similar Description - CD4517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4517B TI-CD4517B Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
CD4517BF3A TI1-CD4517BF3A Datasheet
396Kb / 9P
[Old version datasheet]   CMOS Dual 64-Stage Static Shift Register
CD4517B TI1-CD4517B_09 Datasheet
414Kb / 9P
[Old version datasheet]   Cmos Dual 64-stage Static Shift Register
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
   CMOS 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS 64-STAGE STATIC SHIFT REGISTER
logo
STMicroelectronics
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
   DUAL 64-STAGE STATIC SHIFT REGISTER
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
   DUAL 64 STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
   64-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
   64-stage static shift register
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com