Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2305 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT2305
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2305 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT2305 Datasheet HTML 4Page - Integrated Device Technology IDT2305 Datasheet HTML 5Page - Integrated Device Technology IDT2305 Datasheet HTML 6Page - Integrated Device Technology IDT2305 Datasheet HTML 7Page - Integrated Device Technology IDT2305 Datasheet HTML 8Page - Integrated Device Technology IDT2305 Datasheet HTML 9Page - Integrated Device Technology IDT2305 Datasheet HTML 10Page - Integrated Device Technology IDT2305 Datasheet HTML 11Page - Integrated Device Technology IDT2305 Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305
3.3VZERODELAYCLOCKBUFFER
TYPICAL DUTY CYCLE(1)AND IDD TRENDS(2)FOR IDT2305-1
NOTES:
1. Duty Cycle is taken from typical chip measured at 1.4V.
2. IDD data is calculated from IDD = ICORE + nCVf, where ICORE is the unloaded current. (n = Number of outputs; C = Capacitance load per output (F);
V = Supply Voltage (V); f = Frequency (Hz))
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
40
42
44
46
48
50
52
54
56
58
60
D uty Cycle vs VDD
(for 30pf loads over frequency - 3.3V , 25C)
33M H z
66M H z
100M Hz
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
40
42
44
46
48
50
52
54
56
58
60
Du ty C ycle vs V DD
(for 10pF load s over frequency - 3.3V , 25C )
33M Hz
66M Hz
100M Hz
20
40
60
80
100
120
140
Frequency (MH z)
40
42
44
46
48
50
52
54
56
58
60
Duty Cycle vs Frequency
(for 30pf loads over temperature - 3.3V )
-40C
0C
25C
70C
85C
133M Hz
20
40
60
80
100
120
140
Frequency (M Hz)
40
42
44
46
48
50
52
54
56
58
60
D u ty C ycle vs F re qu ency
(for 10pF loads over tem perature - 3.3V )
-40C
0C
25C
70C
85C
02
4
6
8
N umber of Loaded Outputs
0
20
40
60
80
100
120
140
IDD vs Number of Loaded Outputs
(for 30pf loads over frequency - 3.3V , 25C)
33M H z
66M H z
100M Hz
02
4
6
8
Number of Loaded O utputs
0
20
40
60
80
100
120
140
IDD vs N um ber of Loade d O utputs
(for 10pF loads over frequency - 3.3V, 25C )
33M H z
66M Hz
100M Hz


Similar Part No. - IDT2305

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
186Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER No external RC network required
IDT2305-1 IDT-IDT2305-1 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305-1DC IDT-IDT2305-1DC Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results

Similar Description - IDT2305

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com