Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDMB300BS12 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # PDMB300BS12
Description  IGBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PDMB300BS12 Datasheet(HTML) 4 Page - National Instruments Corporation

  PDMB300BS12_15 Datasheet HTML 1Page - National Instruments Corporation PDMB300BS12_15 Datasheet HTML 2Page - National Instruments Corporation PDMB300BS12_15 Datasheet HTML 3Page - National Instruments Corporation PDMB300BS12_15 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QS043-402-20372(5/5)
01
日本インター株式会社
PDMB300BS12
PDMB300BS12C
0123
4
0
100
200
300
400
500
600
Forward Voltage VF (V)
Fig.13- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25°C
TC=125°C
0
600
1200
1800
2400
10
30
100
300
1000
-di/dt (A/µs)
Fig.14- Reverse Recovery Characteristics (Typical)
IRrM
trr
IF=300A
TC=25°C
TC=125°C
10-5
10-4
10-3
10-2
10-1
1101
3x10-4
1x10-3
3x10-3
1x10-2
3x10-2
1x10-1
3x10-1
1
Time t (s)
Fig.16- Transient Thermal Impedance
TC=25°C
1 Shot Pulse
FRD
IGBT
0
200
400
600
800
1000
1200
1400
0.1
0.3
1
3
10
30
100
300
1000
2000
Collector to Emitter Voltage V CE (V)
Fig.15- Reverse Bias Safe Operating Area
RG=5.1 , VGE=±15V, TC=125°C


Similar Part No. - PDMB300BS12_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB300BS12C NIEC-PDMB300BS12C Datasheet
296Kb / 4P
   IGBT Module-Dual
More results

Similar Description - PDMB300BS12_15

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com