Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54AC02F3A Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD54AC02F3A
Description  Quad 2-Input NOR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD54AC02F3A Datasheet(HTML) 4 Page - Intersil Corporation

  CD54AC02F3A Datasheet HTML 1Page - Intersil Corporation CD54AC02F3A Datasheet HTML 2Page - Intersil Corporation CD54AC02F3A Datasheet HTML 3Page - Intersil Corporation CD54AC02F3A Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-55oC TO 125oC
UNITS
MIN
TYP
MAX
AC TYPES
Propagation Delay, Input to Output
tPLH, tPHL
1.5
-
-
144
ns
3.3 (Note 9)
3
-
20.1
ns
5 (Note 10)
2
-
11.5 (Note 8)
ns
Input Capacitance
CI
--
-
10
pF
Power Dissipation Capacitance
CPD (Note 11)
-
-
55
-
pF
ACT TYPES
Propagation Delay, Input to Output
tPLH
tPHL
5 (Note 10)
2.1
-
12.2 (Note 8)
ns
Input Capacitance
CI
--
-
10
pF
Power Dissipation Capacitance
CPD (Note 11)
-
-
55
-
pF
NOTES:
8. Limits tested at 100%.
9. 3.3V Min at 3.6V, Max at 3V.
10. 5V Min at 5.5V, Max at 4.5V
11. CPD is used to determine the dynamic power consumption per gate.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Burn-In Test Circuit Connections (Use DC II for F3A Burn-In and AC for Life Test)
DC
DC BURN-IN I
DC BURN-IN II
OPEN
GROUND
VCC (6V)
OPEN
GROUND
VCC (6V)
CD54AC/ACT02
1, 4, 10, 13
2, 3, 5-9, 11,12
14
1, 4, 10, 13
7
2, 3, 5, 6, 8, 9, 11,
12, 14
AC
OPEN
GROUND
1/2 VCC (3V)
VCC (6V)
OSCILLATOR
50kHz
25kHz
CD54AC/ACT02
-
7
1, 4, 10, 13
14
2, 3, 5, 6, 8, 9, 11,
12
-
NOTE: Each pin except VCC and Gnd will have a resistor of 2kΩ-47kΩ.
FIGURE 1. PROPAGATION DELAY TIMES
tr = 3ns
tf = 3ns
90%
VS
10%
GND
INPUT
tPHL
tPLH
VS
LEVEL
VI
VO
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 2. PROPAGATION DELAY TIMES
CD54AC
CD54ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD54AC02F3A, CD54ACT02F3A


Similar Part No. - CD54AC02F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC02F3A TI-CD54AC02F3A Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
CD54AC02F3A TI-CD54AC02F3A Datasheet
509Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - CD54AC02F3A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com