Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54AC02F3A Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD54AC02F3A
Description  Quad 2-Input NOR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD54AC02F3A Datasheet(HTML) 1 Page - Intersil Corporation

  CD54AC02F3A Datasheet HTML 1Page - Intersil Corporation CD54AC02F3A Datasheet HTML 2Page - Intersil Corporation CD54AC02F3A Datasheet HTML 3Page - Intersil Corporation CD54AC02F3A Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Semiconductor
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Exceeds 2kV ESD Protection MIL-STD-883, Method 3015
• Meets JEDEC Standard No. 20
• SCR - Latch-Up-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST/A/S with Significantly Reduced
Power Consumption
• Functionally and Pin-Compatible with Industry 54
Bipolar Types in the FAST, AS and S Series
• Balanced Propagation Delays
• Military Operating Temperature Range
- Ceramic (CERDIP) 54 Series: . . . . . . . . -55 to 125oC
±24mA Output Drive Current, Drives 75Ω Lines with-
out Need for Terminations
• Fan Out (Over Temperature)
- ACL Loads . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2400
- FAST Loads. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
- AS Loads. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
• Balanced Noise Immunity at 30% of Supply for AC
Type
• Supply Voltage Range
- AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 5.5V
- ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
Pinout
Description
The CD54AC02F3A and CD54ACT02F3A are quad 2-input
NOR gates that utilize the Harris Advanced CMOS Logic
technology.
Functional Diagram
1Y
1A
1B
2Y
2A
2B
GND
VCC
4Y
4B
4A
3Y
3B
3A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD54AC02F3A
-55 to 125
14 Ld CERDIP
F14.3
CD54ACT02F3A
-55 to 125
14 Ld CERDIP
F14.3
NOTE:
1. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or Harris
customer service for ordering information.
TRUTH TABLE
INPUTS
OUTPUTS
AB
Y
LL
H
HL
L
LHL
HH
L
1A
1B
2A
2B
3A
3B
4A
4B
2
3
5
6
8
9
11
12
1
4
10
13
1Y
2Y
3Y
4Y
GND = 7
VCC = 14
July 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
CD54AC02F3A,
CD54ACT02F3A
Quad 2-Input NOR Gate
File Number
3877.1


Similar Part No. - CD54AC02F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC02F3A TI-CD54AC02F3A Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
CD54AC02F3A TI-CD54AC02F3A Datasheet
509Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - CD54AC02F3A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com