Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD-TAG Datasheet(PDF) 1 Page - 3M Electronics

Part # STD-TAG
Description  STD Tape Dispenser SDR Wire Marking Tape
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

STD-TAG Datasheet(HTML) 1 Page - 3M Electronics

  STD-TAG Datasheet HTML 1Page - 3M Electronics STD-TAG Datasheet HTML 2Page - 3M Electronics STD-TAG Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STD Tape Dispenser
SDR Wire Marking Tape
Data Sheet
ScotchCode
Application:
ScotchCodeTM SDR is a polyester film tape with an acrylic
pressure sensitive adhesive, the tape is used in the 3M
STD ScotchCode tape dispenser. From the dispenser, the
user can pull out and tear off the amount of tape needed for
thier particular application such as marking wires, terminal
blocks, panels, ect.
Tape Technical Data:
(All Values are Typical Values)
Material:
Polyester film with acrylic
pressure sensitive adhesive
Application Temperature
32
°F to 120°F
Range
(0
°C to 49°C)
Operating Temperature
–40
°F to 250°F
Range
(–40
°C to 121°C)
Storage Temperature
80
°F (26°C)
(Relative Humidity)
25–50%
Tape Roll Width
0.215 inches
(5,46 mm)
Tape Roll Length
96 inches
(2,43 m)
Number of Characters
6 per inch
(6 per 2,54 cm)
Tape Thickness
3 mils (0,08mm)
Adhesion to Steel
25 oz./inch width
( ASTM D–1000)
(273 Newtons/Meters)
Adhesion to Backing
10 oz./inch width
( ASTM D–1000)
(109 Newtons/Meters)
Engineering Specification:
Wire marking tape shall be polyester tape, 3 mils
(0,08mm) thick, with acrylic pressure sensitive adhesive.
The tape will be in a roll 0.215 inches (5,46mm) wide and
96 inches (2,43m) long, wound on a .38 inch (9,65mm)
dia. plastic core. There will be six ( 6 ) characters per inch
of tape. These rolls will be used with 3M ScotchCode STD
tape dispensers and shall be manufactured by 3M.
PRODUCT
DESCRIPTION
PRINTING
ON ROLL
SDR–0
ScotchCode
0
SDR–1
Wire Marking Tape
1
thru
thru
SDR–9
9
SDR–0–9
0–9 consecutive
1 number/roll
SDR–10–19
10–19 consecutive
1 number/roll
thru
thru
SDR–90–99
90–99 consecutive
1 number/roll
SDR–A
A
thru
thru
SDR–Z
Z
SDR–L1
L1
SDR–L2
L2
SDR–L3
L3
SDR–T1
T1
SDR–T2
T2
SDR–T3
T3
SDR + (Plus)
+
SDR – (Minus)
This tape is also avaibile in ten colors.
Color of Roll
SDR–BK
BLACK
SDR–BL
BLUE
SDR–BN
BROWN
SDR–GN
GREEN
SDR–GY
GRAY
SDR–OR
ORANGE
SDR–RD
RED
SDR–VL
VIOLET
SDR–WH
WHITE
SDR–YL
YELLOW
SDR–MC
*
* Includes one roll of each of the above colors.
STD–0–9
dispenser filled with numbers 0 thru 9
STD–C
dispenser filled with all ten colors
STD
empty dispenser


Similar Part No. - STD-TAG

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-0315 VOLGEN-STD-0315 Datasheet
63Kb / 2P
   ADAPTER - 5W/10W
STD-04535T VOLGEN-STD-04535T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-0501 VOLGEN-STD-0501 Datasheet
63Kb / 2P
   ADAPTER - 5W/10W
STD-0502 VOLGEN-STD-0502 Datasheet
63Kb / 2P
   ADAPTER - 5W/10W
STD-05025T VOLGEN-STD-05025T Datasheet
75Kb / 2P
   ADAPTER-18W
More results

Similar Description - STD-TAG

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
   STD Tape Dispenser SDR Wire Marking Tape
SDR-7 3M-SDR-7 Datasheet
29Kb / 2P
   STD Tape Dispenser SDR Wire Marking Tape
SDR-A 3M-SDR-A Datasheet
44Kb / 3P
   STD Tape Dispenser SDR Wire Marking Tape
logo
Lapp.
83257106 LAPP-83257106 Datasheet
611Kb / 7P
   DYMO XTL™ MARKING KIT & MARKING TAPE
08.11.2021
logo
List of Unclassifed Man...
81802 ETC2-81802 Datasheet
39Kb / 1P
   AISLE MARKING TAPE, STATIC SENSITIVE AREA
logo
3M Electronics
767 3M-767 Datasheet
131Kb / 5P
   3M??Hazard Marking Vinyl Tape 767
971 3M-971 Datasheet
162Kb / 6P
   3M??Ultra Durable Floor Marking Tape 971
logo
List of Unclassifed Man...
HP3EEWBGB9 ETC2-HP3EEWBGB9 Datasheet
341Kb / 69P
   TAPE WRAPPED INSULATED WIRE
logo
3M Electronics
1537CW 3M-1537CW Datasheet
248Kb / 2P
   Venture Tape??Facing Tape
1506R 3M-1506R Datasheet
141Kb / 2P
   Venture Tape??Polyethylene Tape
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com