Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC22106 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD74HC22106
Description  QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD74HC22106 Datasheet(HTML) 8 Page - Intersil Corporation

  CD74HC22106 Datasheet HTML 1Page - Intersil Corporation CD74HC22106 Datasheet HTML 2Page - Intersil Corporation CD74HC22106 Datasheet HTML 3Page - Intersil Corporation CD74HC22106 Datasheet HTML 4Page - Intersil Corporation CD74HC22106 Datasheet HTML 5Page - Intersil Corporation CD74HC22106 Datasheet HTML 6Page - Intersil Corporation CD74HC22106 Datasheet HTML 7Page - Intersil Corporation CD74HC22106 Datasheet HTML 8Page - Intersil Corporation CD74HC22106 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
73
Typical Application Information
FIGURE 4. TYPICAL SINGLE SUPPLY CONNECTION FOR HC22106
FIGURE 5. TYPICAL DUAL SUPPLY CONNECTION FOR HC22106
FIGURE 6. USE OF HC22106 WHEN CONTROL IS 0V TO 5V AND ANALOG SIGNAL IS 0V TO 10V
HC22106
#
ANALOG
INPUT
0V - 5V
GND
ANALOG OUTPUT
0V TO 5V
CONTROL
INPUT
VDD
5V
VSS
HC OR CMOS
OUTPUT
5V
0
5V
HC22106
ANALOG
INPUT
-5V TO 5V
-5V
ANALOG OUTPUT
-5V TO 5V
CONTROL
INPUT
VDD
5V
VSS
CD4000A/B
CMOS BIPOLAR
5V
0
5V
OUTPUT
VCC
-5V
-5V
HC22106
ANALOG
INPUT
0V TO 10V
GND
ANALOG OUTPUT
0V TO 10V
CONTROL
INPUT
VDD
10V
VSS
5V
VCC
10V
1k
CONTROL
SIGNAL
(NOTE)
CD74HC22106


Similar Part No. - CD74HC22106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC221 TI-CD74HC221 Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
450Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221-W TI1-CD74HC221-W Datasheet
783Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic
More results

Similar Description - CD74HC22106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com