Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8004 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8004
Description  Quad 3000 V/s, 35 mW Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8004 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8004_15 Datasheet HTML 7Page - Analog Devices AD8004_15 Datasheet HTML 8Page - Analog Devices AD8004_15 Datasheet HTML 9Page - Analog Devices AD8004_15 Datasheet HTML 10Page - Analog Devices AD8004_15 Datasheet HTML 11Page - Analog Devices AD8004_15 Datasheet HTML 12Page - Analog Devices AD8004_15 Datasheet HTML 13Page - Analog Devices AD8004_15 Datasheet HTML 14Page - Analog Devices AD8004_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
REV. C
AD8004
–10–
DRIVING CAPACITIVE LOADS
The AD8004 was designed primarily to drive nonreactive loads.
If driving loads with a capacitive component is desired, best
settling response is obtained by the addition of a small series
resistance as shown in Figure 6. The accompanying graph shows
the optimum value for RSERIES vs. capacitive load. It is worth
noting that the frequency response of the circuit when driving
large capacitive loads will be dominated by the passive roll-off of
RSERIES and CL.
1k
RL
1k
CL
AD8004
RSERIES
1k
Figure 6. Driving Capacitive Load
40
30
20
010
15
20
25
CL – pF
10
5
Figure 7. Recommended RSERIES vs. Capacitive Load for
£ 30 ns Settling to 0.1%
OPTIMIZING FLATNESS
The fine scale gain flatness and –3 dB bandwidth is affected by
RFEEDBACK selection as is normal of current feedback amplifiers.
With the exception of gain = +1, the AD8004 can be adjusted
for either maximal flatness with modest closed-loop bandwidth
or for mildly peaked-up frequency response with much more
bandwidth. Figure 8 shows the effect of three evenly spaced RF
changes upon gain = +1 and gain = +2. Table I shows the
recommended component values for achieving maximally flat
frequency response as well as a faster slightly peaked-up fre-
quency response.
Printed circuit board parasitics and device lead frame parasitics
also control fine scale gain flatness. The AD8004R package,
because of its small lead frame, offers superior parasitics relative
to the N package. In the printed circuit board environment,
parasitics such as extra capacitance caused by two parallel and
vertical flat conductors on opposite PC board sides in the
region of the summing junction will cause some bandwidth
extension and/or increased peaking. In noninverting gains, the
effect of extra capacitance on summing junctions is far more
pronounced than with inverting gains. Figure 9 shows an example
of this. Note that only 1 pF of added junction capacitance causes
about a 70% bandwidth extension and additional peaking on a
gain = +2. For an inverting gain = –2, 5 pF of additional summing
junction capacitance caused a small 10% bandwidth extension.
Extra output capacitive loading also causes bandwidth exten-
sions and peaking. The effect is more pronounced with less
resistive loading from the next stage. Figure 10 shows the effect
of direct output capacitive loads for gains of +2 and –2. For both
gains CLOAD was set to 10 pF or 0 pF (no extra capacitive loading).
For each of the four traces in Figure 10 the resistive loads were
100
. Figure 11 also shows capacitive loading effects with a
lighter output resistive load. Note that even though bandwidth
is extended 2
¥, the flatness dramatically suffers.
FREQUENCY – MHz
–2
1
500
10
40
100
1
0
–1
VIN = 50mV rms
VS = 5V
RL = 100
R PACKAGE
–3
–4
–5
2
–3
0
1
–1
–2
–4
–5
–6
RF = 1.10k
RF = 604
G = +1
G = +2
–7
–8
RF = 845
RF = 909
RF = 1.1k
RF = 698
Figure 8. RFEEDBACK vs. Frequency Response, G = +1/+2
FREQUENCY – MHz
2
–8
1
500
10
40
100
–2
0
–4
–6
VIN = 50mV rms
RL = 100
5VS
–10
–12
–14
2
–8
–2
0
–4
–6
–10
–12
–14
CJ = 1pF
CJ = 0
CJ = 5.1pF
CJ = 0
G = +2
G = –2
Figure 9. Frequency Response vs. Added Summing
Junction Capacitance


Similar Part No. - AD8004_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
More results

Similar Description - AD8004_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004_03 Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com