Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8011AR-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8011AR-REEL
Description  300 MHz Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8011AR-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD8011AR-REEL Datasheet HTML 1Page - Analog Devices AD8011AR-REEL Datasheet HTML 2Page - Analog Devices AD8011AR-REEL Datasheet HTML 3Page - Analog Devices AD8011AR-REEL Datasheet HTML 4Page - Analog Devices AD8011AR-REEL Datasheet HTML 5Page - Analog Devices AD8011AR-REEL Datasheet HTML 6Page - Analog Devices AD8011AR-REEL Datasheet HTML 7Page - Analog Devices AD8011AR-REEL Datasheet HTML 8Page - Analog Devices AD8011AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
REV. C
–4–
AD8011
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8011 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation
2
Plastic DIP Package (N) . . . . . . . Observe Derating Curves
Small Outline Package (R) . . . . . . Observe Derating Curves
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±2.5 V
Output Short-Circuit Duration
. . . . . . . . . . . . . . . . . .Observe Power Derating Curves
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 Specification is for device in free air:
8-Lead PDIP Package: JA = 90
°C/W
8-Lead SOIC Package: JA = 155
°C/W
2.0
1.5
0.5
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
AMBIENT TEMPERATURE ( C)
1.0
0
TJ = 150 C
8-LEAD PLASTIC DIP PACKAGE
8-LEAD SOIC PACKAGE
Figure 3. Maximum Power Dissipation vs. Temperature
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8011
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150
°C. Exceeding this limit temporarily
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a
junction temperature of 175
°C for an extended period can result
in device failure.
While the AD8011 is internally short-circuit protected, this may
not be sufficient to guarantee that the maximum junction tem-
perature is not exceeded under all conditions. To ensure proper
operation, it is necessary to observe the maximum power derating
curves (shown in Figure 3).
0.01 F
0.01 F
10 F
10 F
RL
1k
1k
1k
50
VIN
VOUT
+VS
–VS
Figure 4. Test Circuit; Gain = +2
0.01 F
0.01 F
10 F
10 F
RL
1k
1k
1k
VIN
VOUT
+VS
–VS
52.3
Figure 5. Test Circuit; Gain = –1
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8011AN
–40
°C to +85°C8-Lead PDIP
N-8
AD8011AR
–40
°C to +85°C
8-Lead SOIC
R-8
AD8011AR-REEL
–40
°C to +85°C
13" Tape and Reel
R-8
AD8011AR-REEL7
–40
°C to +85°C
7" Tape and Reel
R-8


Similar Part No. - AD8011AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results

Similar Description - AD8011AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com