Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA840TC Datasheet(PDF) 4 Page - NEC

Part # UPA840TC
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA840TC Datasheet(HTML) 4 Page - NEC

  UPA840TC Datasheet HTML 1Page - NEC UPA840TC Datasheet HTML 2Page - NEC UPA840TC Datasheet HTML 3Page - NEC UPA840TC Datasheet HTML 4Page - NEC UPA840TC Datasheet HTML 5Page - NEC UPA840TC Datasheet HTML 6Page - NEC UPA840TC Datasheet HTML 7Page - NEC UPA840TC Datasheet HTML 8Page - NEC UPA840TC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet P14556EJ1V0DS00
4
µµµµPA840TC
TYPICAL CHARACTERISTICS (TA = +25
°°°°C)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
Q2
Q1
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
0
50
100
150
100
180
230
2 Elements in total
Per
Element
(Q1)
0
0
50
100
150
100
200
230
2 Elements in total
Free Air
Free Air
Per Element
(Q2)
10
20
30
40
50
0.5
1.0
VCE = 3 V
0
0
10
20
0.5
1.0
0
0
0
0
2
4
6
8
10
12
14
16
18
20
123
456
IB = 160 A
µ
IB = 140 A
µ
IB = 120 A
µ
IB = 100 A
µ
IB = 80 A
µ
IB = 60 A
µ
IB = 40 A
µ
IB = 20 A
µ
0
0
5
10
15
20
25
123
456
IB = 160 A
µ
IB = 140 A
µ
IB = 120 A
µ
IB = 100 A
µ
IB = 80 A
µ
IB = 60 A
µ
IB = 40 A
µ
IB = 20 A
µ
VCE = 3 V


Similar Part No. - UPA840TC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA841TD RENESAS-UPA841TD Datasheet
369Kb / 38P
   NPN SILICON RF TWIN TRANSISTOR
2001
logo
NEC
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA843TC-T1 NEC-UPA843TC-T1 Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results

Similar Description - UPA840TC

ManufacturerPart #DatasheetDescription
logo
NEC
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
logo
California Eastern Labs
UPA863TD CEL-UPA863TD Datasheet
726Kb / 27P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN LEAD-LESS MINIMOLD
logo
NEC
UPA801TC NEC-UPA801TC Datasheet
76Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA810TC NEC-UPA810TC Datasheet
53Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA814TC NEC-UPA814TC Datasheet
84Kb / 20P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA804TC NEC-UPA804TC Datasheet
66Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA833TF NEC-UPA833TF Datasheet
74Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA880TS NEC-UPA880TS Datasheet
54Kb / 6P
   NPN SiGe RF TRANSISTOR (WITH 2 DIFFERENT ELEMENTS) IN A 6-PIN SUPER LEAD-LESS MINIMOLD (1007 PACKAGE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com