Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIP14-G-LC Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # ADIP14-G-LC
Description  DIP connector - 14 contact
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

ADIP14-G-LC Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  ADIP14-G-LC Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
ADIP14-G-LC
rev00
Chappell
28.10.11
DIP connector - 14 contact
2.54 x 7.62mm pitch, Gold flash
1:1
Scale
X.X
X.XX
X.XXX
DIM
X.°
X.X°
Angle
TOL
±0.40
±0.25
±0.15
±3°
±X°


Similar Part No. - ADIP14-G-LC

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
ADIP10-G-LC-R ASSMANN-ADIP10-G-LC-R Datasheet
348Kb / 1P
   DIP Connector, 2.54 x 7.62MM, 10 Contacts, Gold Plated
ADIP18-G-LC ASSMANN-ADIP18-G-LC Datasheet
343Kb / 1P
   DIP connector - 18 contact
More results

Similar Description - ADIP14-G-LC

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
ADIP20-G-LC ASSMANN-ADIP20-G-LC Datasheet
343Kb / 1P
   DIP connector - 20 contact
ADIP40-G-LC ASSMANN-ADIP40-G-LC Datasheet
343Kb / 1P
   DIP connector - 40 contact
ADIP18-G-LC ASSMANN-ADIP18-G-LC Datasheet
343Kb / 1P
   DIP connector - 18 contact
ADIP28-G-LC ASSMANN-ADIP28-G-LC Datasheet
343Kb / 1P
   DIP connector - 28 contact
ADIP08-G-LC ASSMANN-ADIP08-G-LC Datasheet
343Kb / 1P
   DIP connector - 8 contact
logo
Connor-Winfield Corpora...
H10C CONNOR-WINFIELD-H10C Datasheet
50Kb / 1P
   14 PIN DIP HCMOS
EH01-63 CONNOR-WINFIELD-EH01-63 Datasheet
83Kb / 2P
   14 PIN DIP ECL
S55R8 CONNOR-WINFIELD-S55R8 Datasheet
50Kb / 1P
   14 PIN DIP TTL
DPS5 CONNOR-WINFIELD-DPS5 Datasheet
57Kb / 1P
   14 PIN DIP SINEWAVE
EH01-510 CONNOR-WINFIELD-EH01-510 Datasheet
85Kb / 2P
   14 PIN DIP ECL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com